Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAS70LP
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS70LP Datasheet(HTML) 3 Page - Diodes Incorporated

  BAS70LP_15 Datasheet HTML 1Page - Diodes Incorporated BAS70LP_15 Datasheet HTML 2Page - Diodes Incorporated BAS70LP_15 Datasheet HTML 3Page - Diodes Incorporated BAS70LP_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAS70LP
Document number: DS35105 Rev. 2 - 2
3 of 4
www.diodes.com
March 2011
© Diodes Incorporated
BAS70LP
0.0001
0.001
0.01
0.1
1
10
100
010
20
30
40
5060
70
Fig. 3 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = 25°C
A
T = 85°C
A
T = 150°C
A
T = 125°C
A
0
1
10
0
8
16
24
32
40
V , DC REVERSE VOLTAGE (V)
R
f = 1MHz
Fig. 5 Forward Current Derating Curve
0
10
20
30
40
50
60
70
80
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
A
Note 4
0
7
14
21
28
35
42
49
56
63 70
Fig. 6 Operating Temperature Derating
V , DC REVERSE VOLTAGE (V)
R
0
25
50
75
100
125
150
Package Outline Dimensions
DFN1006-2
Dim
Min
Max
Typ
A
0.47
0.53
0.50
A1
0
0.05
0.03
b
0.45
0.55
0.50
D
0.95
1.075
1.00
E
0.55
0.675
0.60
e
-
-
0.40
L
0.20
0.30
0.25
R
0.05
0.15
0.10
All Dimensions in mm
L
E
b
R
e
D
A1
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com