Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3203B Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3203B
Description  500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3203B Datasheet(HTML) 1 Page - Linear Technology

  LTC3203B Datasheet HTML 1Page - Linear Technology LTC3203B Datasheet HTML 2Page - Linear Technology LTC3203B Datasheet HTML 3Page - Linear Technology LTC3203B Datasheet HTML 4Page - Linear Technology LTC3203B Datasheet HTML 5Page - Linear Technology LTC3203B Datasheet HTML 6Page - Linear Technology LTC3203B Datasheet HTML 7Page - Linear Technology LTC3203B Datasheet HTML 8Page - Linear Technology LTC3203B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3203/LTC3203-1
LTC3203B/LTC3203B-1
1
32031fa
APPLICATIO S
TYPICAL APPLICATIO
FEATURES
DESCRIPTIO
The LTC
®3203/LTC3203-1/LTC3203B/LTC3203B-1arelow
noise, high efficiency charge pump DC/DC converters
capable of driving loads up to 500mA from a 2.7V to 5.5V
input. Low external parts count (two flying capacitors and
bypass capacitors at VIN and VOUT) make the LTC3203
family ideally suited for small, battery-powered applica-
tions.
Built-in soft-start circuitry prevents excessive inrush
current during start-up. High switching frequency enables
the use of small external capacitors. The LTC3203/
LTC3203-1 feature Burst Mode operation at light load to
achieve high efficiency whereas the LTC3203B/
LTC3203B-1 operate at constant frequency to achieve
lowest noise operation.
The LTC3203-1/LTC3203B-1 have a user selectable fixed
output voltage of 4.5V or 5V to power LEDs or logic
circuits. The FB pin of the LTC3203/LTC3203B can be used
to program the desired output voltage. The parts are short-
circuit and overtemperature protected and are available in
a low profile (3mm
× 3mm) DFN package.
■
High Current LED Backlight Supply for
Cellphones/PDAs
■ Cellphone Camera Light Supply
■
General Purpose 3.3V or Li-Ion to 5V Supply
■ USB ON THE GO(OTG) Devices
■ Selectable Dual Mode Operation: 1:1.5 or 1:2
■ High Output Current: Up to 500mA
■ Low Noise Constant Frequency (1MHz/0.9MHz)
Operation*
■ VIN Range: 2.7V to 5.5V
■ Adjustable Output Voltage (LTC3203/LTC3203B)
■ User Selectable Fixed Output Voltages: 4.5V or 5V
(LTC3203-1 and LTC3203B-1)
■ Burst Mode
® Operation with
IQ ~ 120µA (LTC3203/LTC3203-1)
■ Constant Freqency Operation at All Loads
(LTC3203B/LTC3203B-1)
■ Soft-Start Limits Inrush Current at Turn-On
■ Short-Circuit/Thermal Protection
■ Shutdown Disconnects Load from Input
■ Shutdown Current: < 1
µA
■ Available in a 10-pin (3mm
× 3mm) DFN Package
500mA Output Current
Low Noise Dual Mode
Step-Up Charge Pumps
3203 F02
LTC3203-1
ON/OFF
OUTPUT PROGRAMMING
VSEL
500mA
SHDN
MODE
GND
VOUT
VOUT
VIN
VIN
C1+
C1–
C2–
C2+
2.2
µF
2.2
µF
2.2
µF
10
µF
R1*
100k
IOUT(MAX)
300mA
300mA
500mA
500mA
VSEL
LOW
HIGH
LOW
HIGH
VOUT
4.5V
5V
4.5V
5V
*R1
316k
357k
357k
402k
VIN (V)
2.5
0
20
40
60
3
3.5
4
4.5
3203 G05
5
80
100
10
30
50
70
90
5.5
VOUT = 4.5V
VOUT = 5V
Efficiency vs VIN at 300mA Load Current
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*Protected by U.S. Patents including 6411531.


Similar Part No. - LTC3203B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3203B LINER-LTC3203B Datasheet
249Kb / 16P
500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
LTC3203B-1 LINER-LTC3203B-1 Datasheet
249Kb / 16P
500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
LTC3203B-1 LINER-LTC3203B-1 Datasheet
255Kb / 16P
500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
LTC3203B-1 LINER-LTC3203B-1_15 Datasheet
255Kb / 16P
500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
LTC3203BEDD LINER-LTC3203BEDD Datasheet
249Kb / 16P
500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
More results

Similar Description - LTC3203B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3203 LINER-LTC3203 Datasheet
249Kb / 16P
500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
LTC3203 LINER-LTC3203_15 Datasheet
255Kb / 16P
500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
LTC3203-1 LINER-LTC3203-1_15 Datasheet
255Kb / 16P
500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
LTC3203B-1 LINER-LTC3203B-1_15 Datasheet
255Kb / 16P
500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
LTC3265EDHC LINER-LTC3265EDHC Datasheet
703Kb / 8P
Low Noise Dual Supply with Boost and Inverting Charge Pumps
LTC3265 LINER-LTC3265 Datasheet
747Kb / 20P
Low Noise Dual Supply with Boost and Inverting Charge Pumps
logo
Feeling Technology Corp...
FP6290 FEELING-FP6290 Datasheet
796Kb / 12P
Low-Noise Step-Up Current Mode PWM Converter
FP6290H FEELING-FP6290H Datasheet
841Kb / 14P
Low-Noise Step-Up Current Mode PWM Converter
FP6292 FEELING-FP6292 Datasheet
524Kb / 13P
Low-Noise Step-Up Current Mode PWM IC
FP6298 FEELING-FP6298 Datasheet
346Kb / 10P
Low-Noise 4.5A Step-Up Current Mode PWM Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com