Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3203B Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3203B
Description  500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3203B Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3203B Datasheet HTML 7Page - Linear Technology LTC3203B Datasheet HTML 8Page - Linear Technology LTC3203B Datasheet HTML 9Page - Linear Technology LTC3203B Datasheet HTML 10Page - Linear Technology LTC3203B Datasheet HTML 11Page - Linear Technology LTC3203B Datasheet HTML 12Page - Linear Technology LTC3203B Datasheet HTML 13Page - Linear Technology LTC3203B Datasheet HTML 14Page - Linear Technology LTC3203B Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3203/LTC3203-1
LTC3203B/LTC3203B-1
11
32031fa
resistor RX. Thus, this configuration will have the highest
loop gain giving it the lowest closed-loop output resis-
tance. Likewise it will also require the largest amount of
output capacitance to preserve stability.
Effective Open Loop Output Resistance (ROL)
The effective open loop output resistance (ROL) of a
charge pump is a very important parameter, which deter-
mines its strength. The value of this parameter depends on
many factors such as the oscillator frequency (fOSC), the
value of the flying capacitor (CFLY), the non-overlap time,
the internal switch resistances (RS), and the ESR of the
external capacitors.
Maximum Available Output Current
Figure 3 shows how the LTC3203/LTC3203-1/LTC3203B/
LTC3203B-1 can be modeled as a Thevenin-equivalent
circuit.
Thus the maximum available output current and voltage
can be calculated from the effective open-loop output
resistance, ROL, and the effective output voltage, 1.5VIN
(in 1.5x mode) or 2VIN (in 2x mode). From Figure 3, the
available current is given by:
I
VV
R
In
x
e
OUT
IN
OUT
OL
=
−
15
15
.
.mod
I
VV
R
In x
e
OUT
IN
OUT
OL
=
−
2
2mod
As evident from the above two equations, with the same
VIN and ROL, the 2x mode will give more output current
than the 1.5x mode.
Programming the MODE Pin
By connecting a resistor divider to the MODE pin, the VIN
voltage at which the chip switches modes can be accu-
rately programmed.
When VIN ramps up, the voltage at the MODE pin crosses
VMODEH and the chip switches from 2x mode to 1.5x mode.
When VIN starts to drop, the voltage at the MODE pin
crosses VMODEL and the chip switches back to 2x mode.
The MODE pin resistor ratio must be selected such that at
the switch point the output is still able to maintain regula-
tion at maximum IOUT:
1.5 • VIN(1.5x) – VOUT > IOUT • ROL(1.5X)
The minimum VIN operating in 1.5x mode occurs at the
switch point where:
VV
R
R
IN
MODEL
MODE
MODE
=+
⎛
⎝⎜
⎞
⎠⎟
•
1
2
1
therefore:
15
1
1
2
15
.•
•
(.
)(
V
R
R
R
MODEL
MODE
MODE
OL
X M
+
⎛
⎝⎜
⎞
⎠⎟
>
A
AX
OUT MAX
OUT MIN
MODE
MODE
OUT M
IV
R
R
V
)(
)
(
)
(
•
+
>
1
2
IIN
OL
x MAX
OUT MAX
MODEL
RI
V
)
( .
)()
()
•
.•
–
+
15
15
1
Figure 3. Charge Pump Open-Loop Thevenin-Equivalent Circuit
3203 F03
+
–
1.5VIN
OR
2VIN
ROL
VOUT
–
+
APPLICATIO S I FOR ATIO
3203 F04
LTC3203/
LTC3203B
CIN
VIN
MODE
GND
RMODE1
RMODE2
7
6
9, 11
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com