Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3443 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3443
Description  High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3443 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3443 Datasheet HTML 8Page - Linear Technology LTC3443 Datasheet HTML 9Page - Linear Technology LTC3443 Datasheet HTML 10Page - Linear Technology LTC3443 Datasheet HTML 11Page - Linear Technology LTC3443 Datasheet HTML 12Page - Linear Technology LTC3443 Datasheet HTML 13Page - Linear Technology LTC3443 Datasheet HTML 14Page - Linear Technology LTC3443 Datasheet HTML 15Page - Linear Technology LTC3443 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3443
13
3443fa
APPLICATIO S I FOR ATIO
The output filter zero is given by:
f
RC
Hz
FILTER ZERO
ESR
OUT
_
••
•
=
π
1
2
where RESR is the capacitor equivalent series resistance.
A troublesome feature in Boost mode is the right-half
plane zero (RHP), and is given by:
f
V
IL V
Hz
RHPZ
IN
OUT
OUT
=
π
2
2• •
• •
The loop gain is typically rolled off before the RHP zero
frequency.
A simple Type I compensation network can be incorpo-
rated to stabilize the loop but at a cost of reduced band-
width and slower transient response. To ensure proper
phase margin, the loop requires to be crossed over a
decade before the LC double pole.
The unity-gain frequency of the error amplifier with the
Type I compensation is given by:
f
RCP
Hz
UG =
π
1
21
1
••
•
Most applications demand an improved transient response
to allow a smaller output filter capacitor. To achieve a
higher bandwidth, Type III compensation is required. Two
zeros are required to compensate for the double-pole
response.
Figure 7. Error Amplifier with Type I Compensation
Figure 8. Error Amplifier with Type III Compensation
1.22V
R1
R2
3443 F07
FB
12
VC
CP1
VOUT
11
–
+
ERROR
AMP
1.22V
R1
R2
3443 F08
FB
12
VC
CP1
CZ1
RZ
VOUT
11
CP2
–
+
ERROR
AMP
f
eR
C
Hz
Which is extremely close to DC
f
RC
Hz
f
RC
Hz
f
RC
Hz
POLE
P
ZERO
ZP
ZERO
Z
POLE
ZP
1
3
1
1
1
2
1
2
2
1
232
1
1
2
1
21
1
2
≈
π
=
π
=
π
=
π
••
•
•
••
•
••
•
••
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com