Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3443 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3443
Description  High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3443 Datasheet(HTML) 2 Page - Linear Technology

  LTC3443 Datasheet HTML 1Page - Linear Technology LTC3443 Datasheet HTML 2Page - Linear Technology LTC3443 Datasheet HTML 3Page - Linear Technology LTC3443 Datasheet HTML 4Page - Linear Technology LTC3443 Datasheet HTML 5Page - Linear Technology LTC3443 Datasheet HTML 6Page - Linear Technology LTC3443 Datasheet HTML 7Page - Linear Technology LTC3443 Datasheet HTML 8Page - Linear Technology LTC3443 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3443
2
3443fa
VIN, VOUT Voltage........................................ – 0.3V to 6V
SW1, SW2 Voltage
DC ...........................................................– 0.3V to 6V
Pulsed < 100ns ...................................... – 0.3V to 7V
SHDN/SS, MODE/SYNC Voltage ................. – 0.3V to 6V
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Maximum Junction Temperature (Note 4) ........... 125
°C
Storage Temperature Range ................ – 65
°C to 125°C
ORDER PART
NUMBER
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC3443EDE
TJMAX = 125°C
θJA = 53°C/W 1-LAYER BOARD
θJA = 43°C/W 4-LAYER BOARD
θJC = 4.3°C/W
EXPOSED PAD IS PGND (PIN 13)
MUST BE SOLDERED TO PCB
DE PART MARKING
3443
12
11
10
9
8
7
1
2
3
4
5
6
FB
VC
VIN
PVIN
VOUT
MODE/SYNC
SHDN/SS
GND
PGND
SW1
SW2
PGND
TOP VIEW
13
DE12 PACKAGE
12-LEAD (4mm
× 3mm) PLASTIC DFN
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT = 3.6V,unless otherwise noted.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Start-Up Voltage
●
2.3
2.4
V
Output Voltage Adjust Range
●
2.4
5.25
V
Feedback Voltage
●
1.19
1.22
1.25
V
Feedback Input Current
VFB = 1.22V
1
50
nA
Quiescent Current—Burst Mode Operation
VC = 0V, MODE/SYNC = 3V (Note 3)
28
45
μA
Quiescent Current—SHDN
VOUT = SHDN = 0V, Not Including Switch Leakage
0.1
1
μA
Quiescent Current—Active
MODE/SYNC = 0V (Note 3)
520
900
μA
NMOS Switch Leakage
Switches B and C
0.1
7
μA
PMOS Switch Leakage
Switches A and D
0.1
10
μA
NMOS Switch On Resistance
Switches B and C
0.10
Ω
PMOS Switch On Resistance
Switches A and D
0.11
Ω
Input Current Limit
●
2
3.2
A
Max Duty Cycle
Boost (% Switch C On)
●
70
88
%
Buck (% Switch A In)
●
100
%
Min Duty Cycle
●
0%
Frequency Accuracy
●
510
600
690
kHz
MODE/SYNC Threshold
●
0.4
1.4
V
MODE/SYNC Input Current
VMODE/SYNC = 5.5V
0.01
1
μA
Error Amp AVOL
90
dB
Error Amp Source Current
14
μA
Error Amp Sink Current
300
μA
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com