Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3452 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3452
Description  Synchronous Buck-Boost MAIN/CAMERA White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3452 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3452 Datasheet HTML 8Page - Linear Technology LTC3452 Datasheet HTML 9Page - Linear Technology LTC3452 Datasheet HTML 10Page - Linear Technology LTC3452 Datasheet HTML 11Page - Linear Technology LTC3452 Datasheet HTML 12Page - Linear Technology LTC3452 Datasheet HTML 13Page - Linear Technology LTC3452 Datasheet HTML 14Page - Linear Technology LTC3452 Datasheet HTML 15Page - Linear Technology LTC3452 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC3452
3452f
APPLICATIO S I FOR ATIO
Unused Outputs
If fewer than 7 LED pins are to be used, unused LEDx pins
should be connected to VOUT. The LTC3452 senses which
current source outputs are not being used and shuts off
the corresponding output currents to save power. A small
trickle current (10
µA: low power bank, 30µA: high power
bank) is still applied to unused outputs to detect if a white
LED is later switched in and also to distinguish unused
outputs from used outputs during start-up.
LED Failure Modes
If an individual LED fails as a short circuit, the current
source biasing it is shut off to save power. This is the same
operation as described previously (if the output were
initially designated unused at power-up by connecting its
LEDx pin to VOUT). Efficiency is not materially affected.
If an individual LED fails as an open circuit, the control loop
will initially attempt to regulate off of its current source
feedback signal, since it will appear to be the one requiring
the largest forward voltage drop to run at its programmed
current. This will drive VOUT higher. As the open circuited
LED will never accept its programmed current, VOUT must
be voltage-limited by means of a secondary control loop.
The LTC3452 limits VOUT to 4.5V in this failure mode. The
other LEDs will still remain biased at the correct pro-
grammed current but the overall circuit efficiency will
decrease.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com