Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3452 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3452
Description  Synchronous Buck-Boost MAIN/CAMERA White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3452 Datasheet(HTML) 2 Page - Linear Technology

  LTC3452 Datasheet HTML 1Page - Linear Technology LTC3452 Datasheet HTML 2Page - Linear Technology LTC3452 Datasheet HTML 3Page - Linear Technology LTC3452 Datasheet HTML 4Page - Linear Technology LTC3452 Datasheet HTML 5Page - Linear Technology LTC3452 Datasheet HTML 6Page - Linear Technology LTC3452 Datasheet HTML 7Page - Linear Technology LTC3452 Datasheet HTML 8Page - Linear Technology LTC3452 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC3452
3452f
VIN, PVIN, SW1, SW2, VOUT Voltage ........... – 0.3V to 6V
LEDL1 to LEDL5 Voltage ... – 0.3V to (VOUT + 0.3V) or 6V
LEDH1, LEDH2 Voltage ..... – 0.3V to (VOUT + 0.3V) or 6V
VC, ENL, ENH,
ISETL, ISETH Voltage ............ – 0.3V to (VIN + 0.3V) or 6V
LEDL1 to LEDL5 Current ....................................... 50mA
LEDH1, LEDH2 Current ....................................... 250mA
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Junction Temperature (Note 3) ............................ 125
°C
Storage Temperature Range ................ – 65
°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
LTC3452EUF
ORDER PART NUMBER
UF PART MARKING
TJMAX = 125°C, θJA = 40°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
20 19 18 17 16
6
7
8
TOP VIEW
21
UF PACKAGE
20-LEAD (4mm
× 4mm) PLASTIC QFN
9
10
5
4
3
2
1
11
12
13
14
15
VIN
ENL
ISETL
LEDL1
LEDL2
VC
ENH
ISETH
LEDH2
GND
3452
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply Voltage (VIN)
●
2.7
5.5
V
Input DC Supply Current
Normal Operation
2.7V
≤ VIN ≤ 5.5V, RISETL = RISETH = 51.1k, ILEDx = 0 (Note 4)
0.6
1
mA
Shutdown
2.7V
≤ VIN ≤ 5.5V, VENL = VENH = 0V
6.5
18
µA
UVLO
VIN < UVLO Threshold
3
5
µA
Undervoltage Lockout Threshold
VIN Rising
●
2.0
2.3
V
VIN Falling
1.6
1.87
V
ENL,H DC Threshold for Normal Operation (VIH)
2.7V
≤ VIN ≤ 5.5V, VENL,H Rising
●
0.54
1.2
V
ENL,H DC Threshold for Shutdown (ILEDx = 0)
2.7V
≤ VIN ≤ 5.5V, VENL,H Falling
●
0.2
0.52
V
(VIL)
ENL,H Input Current (IIH, IIL)
2.7V
≤ VIN ≤ 5.5V
●
–1
1
µA
ENL PWM Frequency
2.7V
≤ VIN ≤ 5.5V (Note 5)
●
10
kHz
ISETL,H Servo Voltage
RISETL = RISETH = 20k
788
800
812
mV
●
780
800
812
mV
LEDHx Output Current Ratio (ILEDHx/ISETH)ILEDHx = 100mA, VLEDHx = 300mV
730
768
806
mA/mA
●
714
768
806
mA/mA
LEDHx Output Current Matching
(Max – Min)/[(Max + Min)/2] • 100%, ILEDHx = 100mA,
1
6
%
VLEDHx = 300mV, 2.7V ≤ VIN ≤ 5.5V
LEDHx Pin Voltage
ILEDHx = 100mA
250
mV
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = PVIN = VOUT = 3.6V unless otherwise specified. (Note 2)
ELECTRICAL CHARACTERISTICS
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com