Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD7225 Datasheet(PDF) 39 Page - NEC

Part # UPD7225
Description  PROGRAMMABLE LCD CONTROLLER/DRIVER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7225 Datasheet(HTML) 39 Page - NEC

Back Button UPD7225 Datasheet HTML 35Page - NEC UPD7225 Datasheet HTML 36Page - NEC UPD7225 Datasheet HTML 37Page - NEC UPD7225 Datasheet HTML 38Page - NEC UPD7225 Datasheet HTML 39Page - NEC UPD7225 Datasheet HTML 40Page - NEC UPD7225 Datasheet HTML 41Page - NEC UPD7225 Datasheet HTML 42Page - NEC UPD7225 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Data Sheet S14308EJ6V0DS00
39
µµµµPD7225
AC Characteristics (TA =
−−−−10 to +70 °°°°C, VDD = 5 V ±±±± 10%)
Item
Symbol
Condition
MIN.
TYP.
MAX.
Units
Operating frequency
fC
50
200
kHz
Oscillation frequency
fOSC
R = 180 k
Ω ± 5%
85
130
175
kHz
High level clock pulse width
tWHC
CL1, external clock
2
16
µs
Low level clock pulse width
tWLC
CL1, external clock
2
16
µs
/SCK frequency
tCYK
900
ns
High level /SCK pulse width
tWHK
400
ns
Low level /SCK pulse width
tWLK
400
ns
/BUSY
↑→ /SCK ↓ hold time
tHBK
0ns
SI set time (against /SCK
↑)tSIK
100
ns
SI hold time (against /SCK
↑)tHKI
200
ns
8th pulse of /SCK
↑→ /BUSY ↓
delay time
tDKB
CL = 50 pF
3
µs
/CS
↓→ /BUSY ↓ delay time
tDCSB
CL = 50 pF
1.5
µs
/BUSY low level time
tWLB
tWHCS
≥ 48/fCNote1 CL = 50 pF
4
44 (57)
Note 2
1/fC
C, /D set time (against 8th pulse
of SCK
↑)
tSDK
9
µs
C, /D hold time (against 8th pulse
of SCK
↑)
tHKD
1
µs
/CS hold time (against 8th pulse of
SCK
↑)
tHKCS
1
µs
High level /CS pulse width
tWHCS
Note 3
µs
Low level /CS pulse width
tWLCS
Note 3
µs
/SYNC load capacitance
CLSY
tCYC = 5
µs50
pF
Notes 1. UNSYNCHRONIZED TRANSFER MODE
For SYNCHRONIZED TRANSFER MODE,
tWHCS
≥ (48/fC + AC driver frequency)
2. BLINKING ON
3. 8/fc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com