Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD7225 Datasheet(PDF) 13 Page - NEC

Part # UPD7225
Description  PROGRAMMABLE LCD CONTROLLER/DRIVER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7225 Datasheet(HTML) 13 Page - NEC

Back Button UPD7225 Datasheet HTML 9Page - NEC UPD7225 Datasheet HTML 10Page - NEC UPD7225 Datasheet HTML 11Page - NEC UPD7225 Datasheet HTML 12Page - NEC UPD7225 Datasheet HTML 13Page - NEC UPD7225 Datasheet HTML 14Page - NEC UPD7225 Datasheet HTML 15Page - NEC UPD7225 Datasheet HTML 16Page - NEC UPD7225 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Data Sheet S14308EJ6V0DS00
13
µµµµPD7225
Figure 2-4. 14-Segment LCD
0
0
0
5
F
A
2
4
A
Display
pattern
Data memory
N+3
Data
(HEX)
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
N+2 N+1 N
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
2
A
0
F
5
4
2
4
0
2
2
2
2
2
0
2
2
4
2
1
B
Display
pattern
Data memory
N+3 N+2 N+1 N
7
6
3
7
6
5
5
7
7
7
0
0
0
E
0
C
8
2
A
E
0
E
A
8
8
8
2
0
4
4
4
4
4
0
4
4
2
4
8
A
2
8
0
8
2
2
0
2
8
0
2
0
1
1
0
C
Display
pattern
Data memory
N+3 N+2 N+1 N
7
7
7
1
7
1
1
5
6
1
6
0
0
6
6
7
C
6
8
E
8
E
6
E
6
8
C
6
E
6
6
E
0
4
5
0
1
4
4
4
4
1
0
A
0
2
8
0
2
0
2
1
8
0
4
4
5
9
4
1
D
Display
pattern
Data memory
N+3 N+2 N+1 N
3
7
3
5
1
6
0
6
0
0
1
0
6
E
6
8
0
E
6
6
0
0
8
0
4
8
C
4
1
0
2
8
A
2
2
8
Upper bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com