Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3532 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3532
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3532 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3532 Datasheet HTML 8Page - Linear Technology LTC3532 Datasheet HTML 9Page - Linear Technology LTC3532 Datasheet HTML 10Page - Linear Technology LTC3532 Datasheet HTML 11Page - Linear Technology LTC3532 Datasheet HTML 12Page - Linear Technology LTC3532 Datasheet HTML 13Page - Linear Technology LTC3532 Datasheet HTML 14Page - Linear Technology LTC3532 Datasheet HTML 15Page - Linear Technology LTC3532 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3532
14
3532fc
SW1
SW1
VIN
SHDN/SS
BURST
RT
SW2
SW2
VOUT
FB
FB
VC
VC
GND
LTC3532
3532 TA02
SHDN
R4
86.6k
200k
C5
4.7nF
R7
200k
C1
4.7μF
RT
BURST
0.01μF
L1
4.7μH
VOUT
3.3V
300mA
C3
22μF
C4
150pF
R9
1k
R1
340k
R6
12.1k
C2
150pF
R2
200k
VIN
2.7V TO 4.5V
SW1
SW1
VIN
SHDN/SS
BURST
RT
SW2
SW2
VOUT
FB
FB
VC
VC
GND
LTC3532
3532 TA03
SHDN
R4
28.7k
C5
4.7nF
R7
200k
C1
4.7μF
RT
BURST
L1
2.2μH
VOUT
5V
300mA
C3
10μF
C4
68pF
R9
1k
R1
412k
R6
12.1k
C2
220pF
R2
133k
D1
DMBRM 110LT3
SD
VIN
2.5V TO 4.2V
Three Cell to 3.3V at 300mA Buck-Boost Converter
With Automatic Burst Mode Operation and Soft-Start
Li-Ion to 5V Boost Converter with Output Disconnect
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com