Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3532 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3532
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3532 Datasheet(HTML) 3 Page - Linear Technology

  LTC3532 Datasheet HTML 1Page - Linear Technology LTC3532 Datasheet HTML 2Page - Linear Technology LTC3532 Datasheet HTML 3Page - Linear Technology LTC3532 Datasheet HTML 4Page - Linear Technology LTC3532 Datasheet HTML 5Page - Linear Technology LTC3532 Datasheet HTML 6Page - Linear Technology LTC3532 Datasheet HTML 7Page - Linear Technology LTC3532 Datasheet HTML 8Page - Linear Technology LTC3532 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3532
3
3532fc
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT = 3.6V, RT = 64.9k, unless otherwise specified.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PMOS Switch Leakage
Switches A and D
0.1
10
μA
NMOS Switch On Resistance
Switches B and C
0.36
Ω
PMOS Switch On Resistance
Switches A and D
0.42
Ω
Input Current Limit
0.8
1.1
1.45
A
Maximum Duty Cycle
Boost (% Switch C On)
Buck (% Switch A On)
●
●
70
100
88
%
%
Minimum Duty Cycle
●
0%
Frequency Accuracy
●
575
740
885
kHz
Burst Threshold (Falling)
0.88
V
Burst Threshold (Rising)
1.12
V
Burst Current Ratio
Ratio of IOUT to IBURST
8000
Error Amp AVOL
90
dB
Error Amp Source Current
VC = 1.4V
15
μA
Error Amp Sink Current
VC = 2V
310
μA
SHDN/SS Threshold
When IC is Enabled
When EA is at Maximum Boost Duty Cycle
●
0.4
1
2.2
1.5
V
V
SHDN/SS Input Current
VSHDN = 5.5V
0.01
1
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3532E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlations
with statistical process controls.
Note 3: Current measurements are performed when the outputs are not
switching.
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
Efficiency and Power Loss
vs Load Autoburst Mode
Efficiency and Power Loss
vs Load
Fixed Frequency and Burst Mode
Quiescent Current vs VIN
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C, unless otherwise specified.
LOAD CURRENT (mA)
60
80
100
50
70
90
0.1
10
100
1000
3532 G01
40
1
10
1000
0.1
100
0.01
1
POWER LOSS
VOUT = 3.3V
EFFICIENCY
3V
3.6V
4.2V
LOAD CURRENT (mA)
60
80
100
50
70
90
0.1
10
100
1000
3532 G02
40
1
1000
100
10
1
0.1
BURST EFFICIENCY
FIXED FREQUENCY
EFFICIENCY
FIXED FREQUENCY
POWER LOSS
BURST
POWER LOSS
VIN (V)
2.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.5
5.5
3532 G03
75
80
70
65
55
50
45
60
40
BURST MODE
2000kHz
1000kHz
500kHz
1500kHz
NOT SWITCHING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com