Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3547 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3547
Description  Dual Monolithic 300mA Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3547 Datasheet(HTML) 2 Page - Linear Technology

  LTC3547 Datasheet HTML 1Page - Linear Technology LTC3547 Datasheet HTML 2Page - Linear Technology LTC3547 Datasheet HTML 3Page - Linear Technology LTC3547 Datasheet HTML 4Page - Linear Technology LTC3547 Datasheet HTML 5Page - Linear Technology LTC3547 Datasheet HTML 6Page - Linear Technology LTC3547 Datasheet HTML 7Page - Linear Technology LTC3547 Datasheet HTML 8Page - Linear Technology LTC3547 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3547
2
3547fa
VIN ............................................................... –0.3V to 6V
VFB1, VFB2 ......................................... –0.3V to VIN +0.3V
RUN1, RUN2..................................... –0.3V to VIN +0.3V
SW1, SW2 (DC) ................................ –0.3V to VIN +0.3V
P-Channel Switch Source Current (DC) ...............500mA
N-Channel Switch Sink Current (DC) ...................500mA
Peak SW Sink and Source Current (Note 5) .........700mA
Ambient Operating Temperature Range ... –40°C to 85°C
Maximum Junction Temperature .......................... 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
VIN Operating Voltage
●
2.5
5.5
V
VUV
VIN Undervoltage Lockout
VIN Low to High
●
2.0
2.5
V
IFB
Feedback Pin Input Current
LTC3547, VFB = VFBREG
LTC3547-1, VFB = VFBREG
●
●
3
30
6
nA
µA
VFBREG1
Regulated Feedback Voltage (VFB1)
LTC3547, 0°C ≤ TA ≤ 85°C
LTC3547, –40°C ≤ TA ≤ 85°C
LTC3547-1, 0°C ≤ TA ≤ 85°C
LTC3547-1, –40°C ≤ TA ≤ 85°C
●
●
0.590
0.588
1.770
1.764
0.600
0.600
1.800
1.800
0.610
0.612
1.830
1.836
V
V
V
V
VFBREG2
Regulated Feedback Voltage (VFB2)
LTC3547, 0°C ≤ TA ≤ 85°C
LTC3547, –40°C ≤ TA ≤ 85°C
LTC3547-1, 0°C ≤ TA ≤ 85°C
LTC3547-1, –40°C ≤ TA ≤ 85°C
●
●
0.590
0.588
1.180
1.176
0.600
0.600
1.200
1.200
0.610
0.612
1.220
1.224
V
V
V
V
ΔVLINEREG
Reference Voltage Line Regulation
VIN = 2.5V to 5.5V
0.3
0.5
%/V
ΔVLOADREG
Output Voltage Load Regulation
ILOAD = 0mA to 300mA
0.5
%
IS
Input DC Supply Current
Active Mode (Note 3)
Sleep Mode
Shutdown
VFB1 = VFB2 = 0.95V × VFBREG
VFB1 = VFB2 = 1.05V × VFBREG, VIN = 5.5V
RUN1 = RUN2 = 0V, VIN = 5.5V
450
40
0.1
700
60
1
µA
µA
µA
fOSC
Oscillator Frequency
VFB = 0.6V
●
1.8
2.25
2.7
MHz
ILIM
Peak Switch Current Limit
Channel 1 (300mA)
Channel 2 (300mA)
VIN = 3V, VFB < VFBREG, Duty Cycle < 35%
400
400
550
550
mA
mA
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW
9
DDB PACKAGE
8-LEAD (3mm
× 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
VFB1
RUN1
VIN
SW1
VFB2
RUN2
SW2
GND
TJMAX = 125°C, θJA = 76°C/W
EXPOSED PAD (PIN 9) IS GND MUST BE SOLDERED TO PCB
ORDER PART NUMBER
DDB PART MARKING
LTC3547EDDB
LTC3547EDDB-1
LCDP
LCPC
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com