Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3547 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3547
Description  Dual Monolithic 300mA Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3547 Datasheet(HTML) 4 Page - Linear Technology

  LTC3547 Datasheet HTML 1Page - Linear Technology LTC3547 Datasheet HTML 2Page - Linear Technology LTC3547 Datasheet HTML 3Page - Linear Technology LTC3547 Datasheet HTML 4Page - Linear Technology LTC3547 Datasheet HTML 5Page - Linear Technology LTC3547 Datasheet HTML 6Page - Linear Technology LTC3547 Datasheet HTML 7Page - Linear Technology LTC3547 Datasheet HTML 8Page - Linear Technology LTC3547 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3547
4
3547fa
Efficiency vs Load Current
Efficiency vs Load Current
Efficiency vs Load Current
TYPICAL PERFOR A CE CHARACTERISTICS
VIN (V)
2.5
4
3547 G08
0.9
0.8
0.6
3
3.5
4.5
0.5
0.4
1.0
0.7
5
5.5
6
SYNCHRONOUS
SWITCH
MAIN SWITCH
TEMPERATURE (
°C)
–50
1.2
1.1
25
3547 G09
0.8
0.6
–25
0
50
0.5
0.4
1.3
1.0
0.9
0.7
75
100
125
MAIN SWITCH
SYNCHRONOUS
SWITCH
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3547 G10
0
1
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VOUT = 1.2V
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3547 G11
0
1
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VOUT = 1.8V
TEMPERATURE (
°C)
–50
25
3547 G07
604
596
–25
0
50
592
588
612
608
600
75
100
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3547 G12
0
1
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VOUT = 2.5V
TEMPERATURE (
°C)
–50
2.5
25
3547 G04
2.2
2.0
–25
0
50
1.9
1.8
2.6
2.4
2.3
2.1
75
100
125
VIN = 4.2V
VIN = 3.6V
VIN = 2.7V
TEMPERATURE (
°C)
–50
25
3547 G05
40
20
–25
0
50
10
0
50
30
75
100
125
SYNCHRONOUS
SWITCH
MAIN SWITCH
VIN (V)
2.5
4
3547 G06
400
200
3
3.5
4.5
100
0
500
300
5
5.5
6
SYNCHRONOUS
SWITCH
MAIN SWITCH
Oscillator Frequency
vs Temperature
Switch Leakage vs Temperature
Switch Leakage vs Input Voltage
Reference Voltage
vs Temperature
RDS(ON) vs Input Voltage
RDS(ON) vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com