Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCXO-252J Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # VCXO-252J
Description  VCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

VCXO-252J Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  VCXO-252J Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
sSpecifications
sOutline
Item
Type
VCXO-252J
Frequency Range
12~52MHz
Standard Frequencies (MHz)
16.384, 24.576, 26.000, 32.768, 36.864, 38.880, 44.736, 49.152, 51.840
Frequency Temperature Characteristics
±40×10-6 MAX./-40~+85:
Operating Temperature Range
-40~+85
:
Storage Temperature
-40~+90
:
Frequency Aging
±5×10-6 MAX./year
Frequency Tuning Voltage
+2.5V
±0.5V (at +25:)
Frequency Deviation
±100×10-6 MIN./+2.5V±2.0V (positive)
Power Supply Voltage
+5.0V
±0.25V
Power Supply Current
30mA MAX.
Output Load
15pF
Output Level
VOH : +4.5VMIN./VOL : +0.5VMAX.
Output Symmetry
40~60% (at +2.5V DC)
Rise Time/Fall Time
10ns MAX./10ns MAX.
Vibration
10Hz~55Hz Amplitude 1mm Cycle 1 minute. 3 direction. 2 hour each
Shock
1000G
Humidity
60
: 95%/RH 1000 hours
Weight
1.5gr
VCXO-252J
VCXO
sFeatures
¡“Small Size” as amall as 0.72cc. (14.8
×8.65×5.7mm)
¡All-metal welded package.
¡Using welded crystal.
¡Hybrid-IC circuit construction.
¡C-MOS Compatible output.
sTypical Applications
¡Digital switching system
sLand Pattern(reference)
13.5
±0.2
14.8
±0.2
2.54
12
3
65
4
5.08
±0.2
1
±0.2
2-
φ0.6
6-
φ0.6±0.2
8.5
±0.2
(unit: mm)
Pin Connection
1:VC
2:NC
3:GND
4:OUTPUT
5:NC
6:+Dc
1.27
3.81
1.27
1.27
Dimensions(mm)
VCXO-252J


Similar Part No. - VCXO-252J

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCXO-2000-AEA-G VECTRON-VCXO-2000-AEA-G Datasheet
272Kb / 4P
Voltage Controlled Crystal Oscillator
VCXO-2000-AEA-J VECTRON-VCXO-2000-AEA-J Datasheet
272Kb / 4P
Voltage Controlled Crystal Oscillator
VCXO-2000-AEA-K VECTRON-VCXO-2000-AEA-K Datasheet
272Kb / 4P
Voltage Controlled Crystal Oscillator
VCXO-2000-AEA-M VECTRON-VCXO-2000-AEA-M Datasheet
272Kb / 4P
Voltage Controlled Crystal Oscillator
VCXO-2000-AEA-S VECTRON-VCXO-2000-AEA-S Datasheet
272Kb / 4P
Voltage Controlled Crystal Oscillator
More results

Similar Description - VCXO-252J

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
VCXO-105N KSS-VCXO-105N Datasheet
149Kb / 1P
VCXO
VCXO-199 KSS-VCXO-199 Datasheet
187Kb / 1P
VCXO
logo
List of Unclassifed Man...
C5379 ETC-C5379 Datasheet
35Kb / 3P
VCXO
logo
Advanced XTAL Products
AXIS60-11 AXTAL-AXIS60-11 Datasheet
67Kb / 2P
VCXO
2005-07-15
AXIS100-03 AXTAL-AXIS100-03 Datasheet
53Kb / 2P
VCXO
2005-06-10
AXIS145 AXTAL-AXIS145 Datasheet
53Kb / 2P
VCXO
2008-05-31
AXIS207 AXTAL-AXIS207 Datasheet
54Kb / 2P
VCXO
2008-05-07
logo
Vectron International, ...
C5310 VECTRON-C5310_07 Datasheet
195Kb / 6P
VCXO
logo
MMD Components
MVLPMVLL MMD-MVLPMVLL_12 Datasheet
106Kb / 2P
VCXO
MVSC1 MMD-MVSC1_12 Datasheet
129Kb / 2P
VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com