Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3563 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3563
Description  500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3563 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3563 Datasheet HTML 8Page - Linear Technology LTC3563 Datasheet HTML 9Page - Linear Technology LTC3563 Datasheet HTML 10Page - Linear Technology LTC3563 Datasheet HTML 11Page - Linear Technology LTC3563 Datasheet HTML 12Page - Linear Technology LTC3563 Datasheet HTML 13Page - Linear Technology LTC3563 Datasheet HTML 14Page - Linear Technology LTC3563 Datasheet HTML 15Page - Linear Technology LTC3563 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3563
13
3563f
With this information we can calculate L using:
L
fI
V
V
V
L
OUT
OUT
IN
=
⎛
⎝⎜
⎞
⎠⎟
1
1
•
••
–
∆
Substituting VOUT = 1.87V, VIN = 4.2V, ΔIL = 200mA and
f = 2.25MHz gives:
L
V
MHz
mA
V
V
=
⎛
⎝⎜
⎞
⎠⎟
=
187
2 25
200
1
187
42
231
.
.•
•–
.
.
. µ
µH
With V
V
L
V
MHz
mA
OUT =
=
128
128
2 25
200
1
12
.
.
.•
•–
. 8
8
42
198
V
V
µH
.
.
⎛
⎝⎜
⎞
⎠⎟
=
Choosing a vendor’s closest inductor value of 2.2µH results
in a maximum ripple current of:
For V
V
I
V
MHz
µH
V
OUT
L
=
=
187
187
225
22
1
187
.
.
.• .
•–
.
∆
4
42
209 6
128
128
2
.
.
.
.
.
V
mA
For V
V
I
V
OUT
L
⎛
⎝⎜
⎞
⎠⎟
=
=
=
∆
2
25
2 2
1
128
42
179 8
MHz
µH
V
V
mA
•.
•–
.
.
.
⎛
⎝⎜
⎞
⎠⎟
=
APPLICATIO S I FOR ATIO
Hot Swap is a trademark of Linear Technology Corporation.
CIN will require an RMS current rating of at least
0.25A ≅ ILOAD(MAX)/2 at temperature and COUT will require
ESR of less than 0.2Ω. In most cases, ceramic capacitors
will satisfy these requirements. Select COUT = 10µF and
CIN = 10µF.
Figure 3 shows the complete circuit along with its efficiency
curve, load step response and recommended layout.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the LTC3563. These items are also illustrated graphically
in Figure 3b. Check the following in your layout:
1. The power traces, consisting of the GND trace, the SW
trace and the VIN trace should be kept short, direct and
wide.
2. Does the (+) plate of CIN connect to VIN as closely as
possible? This capacitor provides the AC current to the
internal power MOSFETs.
3. Keep the (–) plates of CIN and COUT as close as possible.
Figure 3a. Typical Application
VIN
LTC3563
RUN
3563 F03
L
CIN
COUT
SW
VIN
2.7V TO 5.5V
VOUT
VOUT
VSEL
GND
1.28V 1.87V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com