Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3563 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3563
Description  500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3563 Datasheet(HTML) 2 Page - Linear Technology

  LTC3563 Datasheet HTML 1Page - Linear Technology LTC3563 Datasheet HTML 2Page - Linear Technology LTC3563 Datasheet HTML 3Page - Linear Technology LTC3563 Datasheet HTML 4Page - Linear Technology LTC3563 Datasheet HTML 5Page - Linear Technology LTC3563 Datasheet HTML 6Page - Linear Technology LTC3563 Datasheet HTML 7Page - Linear Technology LTC3563 Datasheet HTML 8Page - Linear Technology LTC3563 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3563
2
3563f
Input Supply Voltage (VIN)........................... –0.3V to 6V
VOUT, RUN Voltages .....................................–0.3V to VIN
VSEL Voltage...................................–0.3V to (VIN + 0.3V)
SW Voltage ....................................–0.3V to (VIN + 0.3V)
Operating Ambient Temperature Range
(Note 2).................................................... –40°C to 85°C
Junction Temperature (Note 7) ............................. 125°C
Storage Temperature Range................... –65°C to 125°C
Reflow Peak Body Temperature (DFN) .................. 260°C
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Voltage Range
●
2.5
5.5
V
VOUT
Output Voltage (Note 4)
VSEL = 0V
VSEL = High
●
●
1.254
1.832
1.28
1.87
1.306
1.908
V
V
ΔVLINE_REG
Reference Voltage Line Regulation (Note 4) VIN = 2.5V to 5.5V
0.04
0.2
%/V
ΔVLOAD_REG
Output Voltage Load Regulation (Note 4)
ILOAD = 100mA to 500mA
0.2
%
IS
Input DC Supply Current (Note 5)
Active Mode
Sleep Mode
Shutdown
VOUT = 1.1V, VSEL = 0V
VOUT = 1.4V, VSEL = 0V
RUN = 0V
26
0.1
500
35
1
µA
µA
µA
fOSC
Oscillator Frequency
●
1.8
2.25
2.7
MHz
ILIM
Peak Switch Current
VIN = 3V, VFB = 0.5V, Duty Cycle < 35%
650
1000
1750
mA
RDS(ON)
P-Channel On Resistance (Note 6)
N-Channel On Resistance (Note 6)
ISW = 100mA
ISW = 100mA
0.5
0.35
0.65
0.55
Ω
Ω
ISW(LKG)
Switch Leakage Current
VIN = 5V, VRUN = 0V, VSW = 0V or 5V
±0.01
±1
µA
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
TOP VIEW
RUN
SW
VOUT
VIN
GND
DC PACKAGE
6-LEAD (2mm
× 2mm) PLASTIC DFN
4
5
7
6
3
2
1
VSEL
TJMAX = 125°C, θJA = 102°C/W, θJC = 20°C/W (SOLDERED TO A 4-LAYER BOARD, NOTE 3)
EXPOSED PAD (PIN 7) IS PGND, MUST BE SOLDERED TO PCB
ORDER PART NUMBER
DC PART MARKING
LTC3563EDC
LCSZ
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
PACKAGE/ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com