Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1519 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1519
Description  This user manual describes the ZigBee
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1519 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1519 Datasheet HTML 9Page - STMicroelectronics UM1519 Datasheet HTML 10Page - STMicroelectronics UM1519 Datasheet HTML 11Page - STMicroelectronics UM1519 Datasheet HTML 12Page - STMicroelectronics UM1519 Datasheet HTML 13Page - STMicroelectronics UM1519 Datasheet HTML 14Page - STMicroelectronics UM1519 Datasheet HTML 15Page - STMicroelectronics UM1519 Datasheet HTML 16Page - STMicroelectronics UM1519 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
UM1519
STM3220G-EVAL demonstration board
Doc ID 022813 Rev 2
13/40
Note:
A test point (TP2) is available on the board for the PTP_PPS feature test.
The Ethernet PHYU5 can be powered down by regulating PB14.
1.9
SRAM
The 16 Mbit SRAM is connected to the FSMC bus of the STM32F207IGH6 which shares the
same I/Os with CAN1 bus. JP3 and JP10 must not be fitted for SRAM and LCD application.
JP5
To provide 25 MHz clock for MII or 50 MHz clock for RMII by
MCO at PA8, set JP5 as shown (default setting):
To provide 25 MHz clock by external crystal X1 (for MII interface
mode only) set JP5 as shown:
When clock is provided by external oscillator U3, JP5 must not be fitted
(default setting).
SB1
SB1 is used to select clock source only for RMII mode.
To connect the clock from MCO to RMII_REF_CLK, close SB1.
The resistor R212 must be removed in this case.
Default setting: open
Table 4.
Ethernet related jumpers and solder bridges (continued)
Jumper
Description
Table 5.
SRAM related jumpers
Jumper
Description
JP1
Connect PE4 to SRAM as A20 by setting JP1 as shown (default
setting):
Connect PE4 to trace connector CN13 as TRACE_D1 by setting
JP1 as shown:
JP2
Connect PE3 to SRAM as A19 by setting JP2 as shown (default
setting):
Connect PE3 to trace connector CN13 as TRACE_D0 by setting
JP2 as shown:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com