Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1519 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1519
Description  This user manual describes the ZigBee
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1519 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1519 Datasheet HTML 19Page - STMicroelectronics UM1519 Datasheet HTML 20Page - STMicroelectronics UM1519 Datasheet HTML 21Page - STMicroelectronics UM1519 Datasheet HTML 22Page - STMicroelectronics UM1519 Datasheet HTML 23Page - STMicroelectronics UM1519 Datasheet HTML 24Page - STMicroelectronics UM1519 Datasheet HTML 25Page - STMicroelectronics UM1519 Datasheet HTML 26Page - STMicroelectronics UM1519 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
UM1519
STM3220G-EVAL demonstration board
Doc ID 022813 Rev 2
23/40
1.15
Power connector CN18
The STM322xG-EVAL demonstration board can be powered from a DC 5 V power supply
via the external power supply jack (CN18) shown in Figure 7. The central pin of CN18 must
be positive.
Figure 8.
Power supply connector CN18
1.16
TFT LCD connector CN19
One 34-pin male header CN19 is available on the board for connecting the LCD module
board MB785. Please refer to Section 1.11 for details.
Table 12.
JTAG debugging connector CN14
Pin number
Description
Pin number
Description
1
3.3 V power
2
3.3 V power
3
PB4
4
GND
5PA15
6
GND
7PA13
8
GND
9PA14
10
GND
11
RTCK
12
GND
13
PB3
14
GND
15
RESET#
16
GND
17
DBGRQ
18
GND
19
DBGACK
20
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com