Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1560 Datasheet(PDF) 45 Page - STMicroelectronics

Part # UM1560
Description  STEVAL-IPC004V1: handheld point-of-sale (POS) based on the STM32F1 series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1560 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UM1560 Datasheet HTML 41Page - STMicroelectronics UM1560 Datasheet HTML 42Page - STMicroelectronics UM1560 Datasheet HTML 43Page - STMicroelectronics UM1560 Datasheet HTML 44Page - STMicroelectronics UM1560 Datasheet HTML 45Page - STMicroelectronics UM1560 Datasheet HTML 46Page - STMicroelectronics UM1560 Datasheet HTML 47Page - STMicroelectronics UM1560 Datasheet HTML 48Page - STMicroelectronics UM1560 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
Not ST devices
Crystal and
oscillator
Y1
32.768 kHz
Mouser
815-AB26T
32.768KHZ
Y2
25 MHz
Mouser
520-HCU2500-
18X
Table 2.BOM (continued)
Category
Reference
designator
Component description
Package
Manufacturer
Manufacturer ordering
code / orderable part
number
Supplier
Supplier
ordering code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com