Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1560 Datasheet(PDF) 46 Page - STMicroelectronics

Part # UM1560
Description  STEVAL-IPC004V1: handheld point-of-sale (POS) based on the STM32F1 series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1560 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button UM1560 Datasheet HTML 42Page - STMicroelectronics UM1560 Datasheet HTML 43Page - STMicroelectronics UM1560 Datasheet HTML 44Page - STMicroelectronics UM1560 Datasheet HTML 45Page - STMicroelectronics UM1560 Datasheet HTML 46Page - STMicroelectronics UM1560 Datasheet HTML 47Page - STMicroelectronics UM1560 Datasheet HTML 48Page - STMicroelectronics UM1560 Datasheet HTML 49Page - STMicroelectronics UM1560 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
Connectors
and
jumpers
J1
CON14_1.27 mm pitch
1.27 mm x 4
(Axial)
Any
J2
DFU_CON2
2.54 mm x 2
(Axial)
Any
J3
CON36
SMD 0.5mm x 36
Digi-Key
HFL136CT-ND
J5
FMS205-HS
SMD 1MM x 30
Digi-Key
609-1169-1-ND
J7
SWIM_CON4
SRCP 1,27 4 M
1 SMD 1 37 E1
094 GU-H * J 0
ERNI
284697
J8
CON3
SMD 0.5 mm x 3
Any
J10
GPRS_CON6
Axial 2.54 mm x 6
Any
J11
SWD_CONN_STM32W
SAMTEC
FTSH-105-01-L-DV-K
J12
SKT_PWR_2R0
mm_4A_THRU_RA
Any
J13
Magnetic card
Axial 1.25 mm x 9
Any
J14
USB_MICRO-AB
Micro-USB AB
Digi-Key
WM17144CT-
ND
J15
RFID_CON4
Axial 2.54 mm x 4
Any
J16,J20
Closed
Axial 2.54 mm x 2
Any
J17,J18
Opened
Axial 2.54 mm x 2
Any
J19
Smart card connector
Mouser
611-CCM02-
2504LFTT30
J21
CON10_1.27 mm pitch
Axial 1.27 mm x
10
Any
LEDs
D3
Power LED
Table 2.BOM (continued)
Category
Reference
designator
Component description
Package
Manufacturer
Manufacturer ordering
code / orderable part
number
Supplier
Supplier
ordering code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com