Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1632 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1632
Description  STM8L DALI slave interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1632 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1632 Datasheet HTML 10Page - STMicroelectronics UM1632 Datasheet HTML 11Page - STMicroelectronics UM1632 Datasheet HTML 12Page - STMicroelectronics UM1632 Datasheet HTML 13Page - STMicroelectronics UM1632 Datasheet HTML 14Page - STMicroelectronics UM1632 Datasheet HTML 15Page - STMicroelectronics UM1632 Datasheet HTML 16Page - STMicroelectronics UM1632 Datasheet HTML 17Page - STMicroelectronics UM1632 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Function description
UM1632
14/32
DocID024513 Rev 1
u8 DALI_CheckAndExecuteReceivedCommand(void)
This function should be cyclically called from the main user application in the main program
loop. It:
•
Checks for a pending received DALI packet and, if present, executes the DALI
command in the packet.
•
Returns the execution status:
–
0 = no pending command
–
1 = pending DALI command executed
–
2 = DALI bus error present and processed
u8 DALI_CheckAndExecuteTimer(void)
This function should be cyclically called from the main user application in the main program
loop at least every 1 ms. It:
•
Checks for a pending timer flag and, if present, executes the given timer callbacks
(fading functions, timeouts, etc.).
•
Returns the remaining number of pending 1 ms timer cycles for a given timer task (e.g.,
number of timer cycles to finish light dimming cycle).
void DALI_halt(void)
This function allows activation of the microcontroller Low power state (Halt mode without
timer interrupt). Before calling this function, the user must check that there are no pending
timer cycles and DALI packets.
void DALI_Set_Lamp_Failure(failure)
This function:
•
Sets or resets the failure state of the lighting element (e.g., a damaged bulb).
Table 9. Void DALI_InterruptConfig(void)
Function name
DALI_Init
Description
This function:
•
Configures the used IRQ Channels and sets their priority.
Input Parameter
None
Output Parameter
None
Return
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com