Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1632 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1632
Description  STM8L DALI slave interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1632 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1632 Datasheet HTML 21Page - STMicroelectronics UM1632 Datasheet HTML 22Page - STMicroelectronics UM1632 Datasheet HTML 23Page - STMicroelectronics UM1632 Datasheet HTML 24Page - STMicroelectronics UM1632 Datasheet HTML 25Page - STMicroelectronics UM1632 Datasheet HTML 26Page - STMicroelectronics UM1632 Datasheet HTML 27Page - STMicroelectronics UM1632 Datasheet HTML 28Page - STMicroelectronics UM1632 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
DocID024513 Rev 1
25/32
UM1632
Application description
5
Application description
The hardware combination (STM8L1526-EVAL + STEVAL-ILM001V1) works as a DALI
slave device. The LD1 on the STM8L1526-EVAL kit is used as a light source. Its brightness,
fade-in/out times, etc., as defined by the DALI standard, can be controlled through DALI to
simulate normal lamp behavior.
The STEVAL-ILM001V1 provides all the functions required by the DALI standards. The
most important ones are:
•
Level translation from DALI voltage levels (-6.5 to 22.5 V) to microcontroller levels (3.3
V / 5 V logic)
•
Proper rise/fall times for the communication
•
Current consumption limit (2 mA max.)
•
Overvoltage protection for misconnection of rated mains voltage to DALI DA
connectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com