Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1695 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM1695
Description  This document provides a detailed description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1695 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM1695 Datasheet HTML 28Page - STMicroelectronics UM1695 Datasheet HTML 29Page - STMicroelectronics UM1695 Datasheet HTML 30Page - STMicroelectronics UM1695 Datasheet HTML 31Page - STMicroelectronics UM1695 Datasheet HTML 32Page - STMicroelectronics UM1695 Datasheet HTML 33Page - STMicroelectronics UM1695 Datasheet HTML 34Page - STMicroelectronics UM1695 Datasheet HTML 35Page - STMicroelectronics UM1695 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Configuration variable reference
UM1695
32/46
DocID025531 Rev 5
Table 5. Configuration data variables
Variable
Sample value
Type
Description
blink_led
0
INT
Enable/disable the blinking
LED (default=0).
In MiniAP, the blinking
indicates the number of
clients associated to the
module.
wind_off_low
0x00000000
INT
Wind 0:31 mask
0xFFFFFFFF are disabled
all the 32 Wind indicator
wind_off_medium
0x00000000
INT
Wind 32:63 mask
wind_off_high
0x00000000
INT
Wind 64:95 mask
user_desc
anonymous
TEXT[64]
Free form textual field for
host use (used as basic
authentication during Mini
AP configuration)
escape_seq
at+s.
TEXT[7]
Escape sequence from
data mode to command
mode (max 7 chars)
localecho1
1
INT
Echo command input:
0=off, 1=on
console1_speed
115200
INT
Serial port speed: from
9600 to 921600, default:
115200
console1_hwfc
0
INT
Hardware flow control:
0=off, 1=on
console1_enabled
1
INT
Enable console on UART1
sleep_enabled
0
INT
Enable/disable the sleep
mode
standby_enabled
0
INT
Enable/disable the standby
mode
standby_time
10
INT
Standby mode time, in
seconds. Up to 232-1 sec
wifi_tx_msdu_lifetime
0
INT
MSDU lifetime. From 0 to
2^32-1 TUs (1 TUs=
1024µs). Zero is default
(automatic)
wifi_rx_msdu_lifetime
0
INT
MSDU lifetime. From 0 to
2^32-1 TUs (1 TUs=
1024µs). Zero is default
(automatic)
wifi_operational_mode
0x00000011
INT
Allows choosing Doze (11)
or quiescent (12) power
device modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com