Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1695 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM1695
Description  This document provides a detailed description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1695 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM1695 Datasheet HTML 35Page - STMicroelectronics UM1695 Datasheet HTML 36Page - STMicroelectronics UM1695 Datasheet HTML 37Page - STMicroelectronics UM1695 Datasheet HTML 38Page - STMicroelectronics UM1695 Datasheet HTML 39Page - STMicroelectronics UM1695 Datasheet HTML 40Page - STMicroelectronics UM1695 Datasheet HTML 41Page - STMicroelectronics UM1695 Datasheet HTML 42Page - STMicroelectronics UM1695 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
DocID025531 Rev 5
39/46
UM1695
Status variable reference
46
wifi_num_assoc
1
Number of the client associated to the module
ip_ipaddr
192.168.121.184
Current IP address
ip_netmask
255.255.252.0
Current IP netmask
ip_gw
192.168.123.20
Current IP default gateway
ip_dns
192.168.123.20
Current IP DNS server
ip_sock_open
0
Bitmask of Socket Client ID currently opened,
expressed in base 10 (ip_sock_open=13
(00001101 in binary), means that socket#0
socket#2 and socket#3 are currently opened)
ip_sockd_port
0
Socket server port opened
free_heap
30472
Current free heap space
min_heap
26552
Minimum free heap space thus far
current_time
90643
Current time in seconds
Table 7. Peers table
Variable
Sample value
Description
link_id
0
Identifier of the client
state
4
0 = Hardware Power Up
1 = HW link initialization
2 = Client Link identifier allocated
3 = Authenticated
4 = Associated
5 = Peer lost beacons
6 = Peer in power save state
addr
90:18:7C:96:0D:0B
MAC address of the client
last_rx
21244
Timestamp of last received packet
last_tx
21244
Timestamp of last transmitted packet
rx_drops
0
Count of frames dropped during reception
tx_drops
1
Count of frames dropped during transmission
rx_pkts
50
Count of received frames
tx_pkts
44
Count of transmitted frames
tx_errs
0
Count of errors detected during frame transmit
rate_mask
0x00003FCF
AP reported Operational data rate mask
cur_rate_idx
3
Most significant byte of the rate_mask
cur_rate_ok
5
Counter to perform rate step up
cur_rate_fail
0
Counter to perform rate step down
tx_consec_fail
0
Counter to perform disassociation
Table 6. Status variable (continued)
Variable
Sample value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com