Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4075 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4075
Description  Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4075 Datasheet(HTML) 1 Page - Linear Technology

  LTC4075 Datasheet HTML 1Page - Linear Technology LTC4075 Datasheet HTML 2Page - Linear Technology LTC4075 Datasheet HTML 3Page - Linear Technology LTC4075 Datasheet HTML 4Page - Linear Technology LTC4075 Datasheet HTML 5Page - Linear Technology LTC4075 Datasheet HTML 6Page - Linear Technology LTC4075 Datasheet HTML 7Page - Linear Technology LTC4075 Datasheet HTML 8Page - Linear Technology LTC4075 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4075/LTC4075X
1
4075Xfa
The LTC®4075/LTC4075X are standalone linear chargers
that are capable of charging a single-cell Li-Ion battery
from both wall adapter and USB inputs. The chargers can
detect power at the inputs and automatically select the
appropriate power source for charging.
No external sense resistor or blocking diode is required
for charging due to the internal MOSFET architecture.
Internal thermal feedback regulates the battery charge
current to maintain a constant die temperature during high
power operation or high ambient temperature conditions.
The float voltage is fixed at 4.2V and the charge current
is programmed with an external resistor. The LTC4075
terminates the charge cycle when the charge current drops
below the programmed termination threshold after the
final float voltage is reached. With power applied to both
inputs, the LTC4075/LTC4075X can be put into shutdown
mode reducing the DCIN supply current to 20µA, the USBIN
supply current to 10µA, and the battery drain current to
less than 2µA.
Other features include automatic recharge, undervoltage
lockout, charge status outputs, and “power present”
status outputs to indicate the presence of wall adapter
or USB power.
Dual Input Battery Charger for Single-Cell Li-Ion
LTC4075
DCIN
USBIN
IUSB
IDC
BAT
ITERM
1.24k
1%
2k
1%
2k
1%
WALL
ADAPTER
USB
PORT
1
µF
1
µF
+
4.2V
SINGLE CELL
Li-Ion BATTERY
800mA (WALL)
500mA (USB)
4075 TA01
GND
Dual Input USB/AC
Adapter Standalone Li-Ion
Battery Chargers
TIME (HR)
0
4.2
200
0
400
800
600
1000
1.5
2.5
4075 TA01b
3.6
3.4
5.0
4.0
3.8
2.5
0
–2.5
0.5
1.0
2.0
3.0
CONSTANT VOLTAGE
USBIN = 5V
TA = 25°C
RIDC = 1.25k
RIUSB = 2k
Complete Charge Cycle (1100mAh Battery)
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*Protected by U.S. patents, including 6522118, 6700364
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
■ Charges Single-Cell Li-Ion Batteries from Wall
Adapter and USB Inputs
■ Automatic Input Power Detection and Selection
■ Charge Current Programmable up to 950mA from
Wall Adapter Input
■ No External MOSFET, Sense Resistor or Blocking
Diode Needed
■ Thermal Regulation Maximizes Charging Rate
Without Risk of Overheating*
■ Preset Charge Voltage with ±0.6% Accuracy
■ Programmable Charge Current Termination
■ 18µA USB Suspend Current in Shutdown
■ Independent “Power Present” Status Outputs
■ Charge Status Output
■ Automatic Recharge
■ Available Without Trickle Charge (LTC4075X)
■ Available in a Thermally Enhanced, Low Profile
(0.75mm) 10-Lead (3mm
× 3mm) DFN Package
■ Cellular Telephones
■ Handheld Computers
■ Portable MP3 Players
■ Digital Cameras


Similar Part No. - LTC4075

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4075 LINER-LTC4075 Datasheet
188Kb / 16P
Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075EDD LINER-LTC4075EDD Datasheet
188Kb / 16P
Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075HVX LINER-LTC4075HVX Datasheet
160Kb / 16P
High Voltage Dual Input Li-Ion/Polymer Battery Charger
LTC4075HVXEDD LINER-LTC4075HVXEDD Datasheet
160Kb / 16P
High Voltage Dual Input Li-Ion/Polymer Battery Charger
LTC4075HVX LINER-LTC4075HVX_15 Datasheet
181Kb / 16P
High Voltage Dual Input Li-Ion/Polymer Battery Charger
More results

Similar Description - LTC4075

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1551-MAX1555 MAXIM-MAX1551-MAX1555 Datasheet
204Kb / 8P
SOT23 Dual-Input USB/AC Adapter 1-Cell LiBattery Chargers
Rev 0; 7/03
logo
Linear Technology
LTC4075 LINER-LTC4075 Datasheet
188Kb / 16P
Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4076 LINER-LTC4076 Datasheet
416Kb / 16P
Dual Input Standalone Li-Ion Battery Charger
LTC4077 LINER-LTC4077 Datasheet
209Kb / 16P
Dual Input Standalone Li-Ion Battery Charger
LTC4096 LINER-LTC4096 Datasheet
182Kb / 16P
Dual Input Standalone Li-Ion Battery Chargers
logo
Maxim Integrated Produc...
MAX1551EZK MAXIM-MAX1551EZK Datasheet
317Kb / 8P
SOT23 Dual-Input USB/AC Adapter 1-Cell Li Battery Chargers
Rev 0; 7/03
logo
Linear Technology
LTC4076 LINER-LTC4076_15 Datasheet
422Kb / 16P
Dual Input Standalone Li-Ion Battery Charger
LTC4077 LINER-LTC4077_15 Datasheet
424Kb / 16P
Dual Input Standalone Li-Ion Battery Charger
LTC4075X LINER-LTC4075X_15 Datasheet
210Kb / 16P
Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4096 LINER-LTC4096_15 Datasheet
187Kb / 16P
Dual Input Standalone Li-Ion Battery Chargers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com