Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4075 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4075
Description  Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4075 Datasheet(HTML) 2 Page - Linear Technology

  LTC4075 Datasheet HTML 1Page - Linear Technology LTC4075 Datasheet HTML 2Page - Linear Technology LTC4075 Datasheet HTML 3Page - Linear Technology LTC4075 Datasheet HTML 4Page - Linear Technology LTC4075 Datasheet HTML 5Page - Linear Technology LTC4075 Datasheet HTML 6Page - Linear Technology LTC4075 Datasheet HTML 7Page - Linear Technology LTC4075 Datasheet HTML 8Page - Linear Technology LTC4075 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4075/LTC4075X
2
4075Xfa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDCIN
Supply Voltage
●
4.3
8
V
VUSBIN
Supply Voltage
●
4.3
8
V
IDCIN
DCIN Supply Current
Charge Mode (Note 4), RIDC = 10k
●
250
800
µA
Standby Mode; Charge Terminated
●
50
100
µA
Shutdown Mode (ENABLE = 5V)
20
40
µA
IUSBIN
USBIN Supply Current
Charge Mode (Note 5), RIUSB = 10k, VDCIN = 0V
●
250
800
µA
Standby Mode; Charge Terminated, VDCIN = 0V
●
50
100
µA
Shutdown (VDCIN = 0V, ENABLE = 0V)
18
36
µA
VDCIN > VUSBIN
10
20
µA
VFLOAT
Regulated Output (Float) Voltage
IBAT = 1mA
4.175
4.2
4.225
V
IBAT = 1mA, 0°C < TA < 85°C
4.158
4.2
4.242
V
IBAT
BAT Pin Current
RIDC = 1.25k, Constant-Current Mode
●
760
800
840
mA
RIUSB = 2.1k, Constant-Current Mode
●
450
476
500
mA
RIDC = 10k or RIUSB = 10k
●
93
100
107
mA
Standby Mode, Charge Terminated
–3
– 6
µA
Shutdown Mode (Charger Disabled)
–1
– 2
µA
Sleep Mode (VDCIN = 0V, VUSBIN = 0V)
±1
±2
µA
VIDC
IDC Pin Regulated Voltage
Constant-Current Mode
0.95
1
1.05
V
VIUSB
IUSB Pin Regulated Voltage
Constant-Current Mode
0.95
1
1.05
V
ITERMINATE
Charge Current Termination Threshold
RITERM = 1k
●
90
100
110
mA
RITERM = 2k
●
45
50
55
mA
RITERM = 10k
●
8.5
10
11.5
mA
RITERM = 20k
●
4
5
6
mA
Input Supply Voltage (DCIN, USBIN) ........... – 0.3 to 10V
ENABLE,
⎯C⎯H⎯R⎯G, ⎯P⎯W⎯R, USBPWR ................. –0.3 to 10V
BAT, IDC, IUSB, ITERM .................................. – 0.3 to 7V
DCIN Pin Current (Note 7) ..........................................1A
USBIN Pin Current (Note 7) .................................700mA
BAT Pin Current (Note 7) ............................................1A
BAT Short-Circuit Duration............................ Continuous
Maximum Junction Temperature .......................... 125
°C
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range.................. – 65
°C to 125°C
(Note 1)
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 5V, VUSBIN = 5V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
EXPOSED PAD IS GND (PIN 11)
MUST BE SOLDERED TO PCB
10
9
6
7
8
11
4
5
3
2
1
DCIN
BAT
IDC
USBPWR
ENABLE
USBIN
IUSB
ITERM
PWR
CHRG
ORDER PART NUMBER
DD PART MARKING
LTC4075EDD
LTC4075XEDD
LBSC
LBRK
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TJMAX = 125°C, θJA = 40°C/W (NOTE 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com