Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72001L Datasheet(PDF) 3 Page - NEC

Part # UPD72001L
Description  MULTI-PROTOCOL SERIAL CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72001L Datasheet(HTML) 3 Page - NEC

  UPD72001L Datasheet HTML 1Page - NEC UPD72001L Datasheet HTML 2Page - NEC UPD72001L Datasheet HTML 3Page - NEC UPD72001L Datasheet HTML 4Page - NEC UPD72001L Datasheet HTML 5Page - NEC UPD72001L Datasheet HTML 6Page - NEC UPD72001L Datasheet HTML 7Page - NEC UPD72001L Datasheet HTML 8Page - NEC UPD72001L Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
µPD72001-11, 72001-A8
3
SPECIFICATIONS
Item
Specifications
Part number
µPD72001-11
µPD72001-A8
Supply voltage
5 V
±10 %
3.3 V
±0.3 V
System clock frequency
11 MHz MAX.
8 MHz MAX. (at TA = –10 to +70
°C)
7.14 MHz MAX. (at TA = –40 to +85
°C)
Maximum transfer rate
2.2 Mbps
1.6 Mbps (at TA = –10 to +70
°C)
1.43 Mbps (at TA = –40 to +85
°C)
Process
CMOS
Internal circuit
Parallel/serial converter circuit: Full-duplex channel
× 2
Transmit buffer : Double
Receive buffer : Quadruple
Interrupt control function
DMA request signal output: 2 for transmission, 2 for reception
Overrun error detection
DPLL
Baud rate generator
Crystal oscillation circuit for transmission/reception clock generation
Self-loopback test function
Standby function
General-purpose I/O pin: 4 pins
× 2
Communication protocol
Start-stop
Character bit length: 5, 6, 7, 8
synchronization
Stop bit length: 1, 1.5, 2
Clock rate:
×1, ×16, ×32, ×64
Parity generation, check
Framing error detection
Break generation, detection
COP
Operation mode: Mono-sync, Bi-sync, External sync
(Character
Character bit length: 5, 6, 7, 8
Oriented
SYNC character bit length: 6, 8
Protocol)
Character synchronization: Internal/external
BCS (Block Check Sequence) generation, check:
CRC-16
CRC-CCITT
Parity generation, check
SYNC character automatic transmission, detection, rejection
BOP
Operation mode:
(Bit Oriented
HDLC (High-level Data Link Control)
Protocol)
SDLC (Synchronous Data Link Control)
SDLC Loop
Flag transmission, detection
Zero insertion, rejection
Address field detection (1 byte)
FCS (Frame Check Sequence) generation, detection
Short frame detection
Abort automatic transmission, detection
Idle detection
Go Ahead detection
Transmit number data control
Processing data format
Encode/decode of NRZ (Non-Return to Zero)
Encode/decode of NRZI (Non-Return to Zero Inverted)
Encode/decode of FM (Frequency Modulation)
Decode in Manchester mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com