Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72001L Datasheet(PDF) 13 Page - NEC

Part # UPD72001L
Description  MULTI-PROTOCOL SERIAL CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72001L Datasheet(HTML) 13 Page - NEC

Back Button UPD72001L Datasheet HTML 9Page - NEC UPD72001L Datasheet HTML 10Page - NEC UPD72001L Datasheet HTML 11Page - NEC UPD72001L Datasheet HTML 12Page - NEC UPD72001L Datasheet HTML 13Page - NEC UPD72001L Datasheet HTML 14Page - NEC UPD72001L Datasheet HTML 15Page - NEC UPD72001L Datasheet HTML 16Page - NEC UPD72001L Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
µPD72001-11, 72001-A8
13
Table 1-6. Functions of SYNC Pins and Setting of CR4 (when CR15: D7 = “0”)
Operation
Synchronization
SYNC Pin
CR4
Protocol
Detection Mode
Function
D7
D6
D5
D4
D3
D2
Function
Start-stop
Input
××
0
1
The SYNC pins function as general-purpose
synchro-
1
0
input pins. Changes in the status of these pin
nization
1
1
(“H”
→ “L” or “L” → “H”) affect the latch
operation of the Sync/Hunt bit (SR1: D4), and
cause the E/S interrupt.
COP
Internal
Output
×
00
If a SYNC character is detected in the receive
synchro-
character, the SYNC pins go “L” for the
nization
01
duration of 1RXC cycle.
External
Input
0
0
1
1
0
0
The SYNC pins input a signal for establishing
synchro-
character synchronization. When these pins
nization
go “L” from “H”, execution exits from the Hunt
Phase and character synchronization is
established. While SYNC input is “L”,
0
1
character synchronization is maintained.
Assembling a receive character is started at
the rising edge of the receive clock preceding
the falling of the SYNC input.
BOP
No function
×
1
0
The SYNC pins do not function.
× : Don’t Care
Caution If a pattern in which 1 bit (“0” or “1”) is inserted in between the “Sync character assigned to CR7”
and “Sync character assigned to CR6” is received while data is being assembled in the Bi-Sync
mode, an “L” pulse of about 1 bit may be generated on the SYNC pin. If the Enter Hunt command
is issued while this “L” pulse is present, the command is invalid. However, the recieve operation
of the MPSC is not affected at all by the reception of this pattern.
(5) TRXCA (Transmit Receive Clock A) ... I/O
TRXCB (Transmit Receive Clock B) ... I/O
(a) When CR15: D2 = “0”
These pins input the transmit and receive clocks. They are used to supply external transmit and receive
clocks.
[Exception] If either CR15: D6, D5 = “0, 1” or D4, D3 = “0, 1”, or both are set, the TRXCA and TRXCB pins
function as input pins, even if CR15: D2 = “1”.
(b) When CR15: D2 = “1”
These pins function as output pins. The source of the output clock can be selected from a crystal oscillation
circuit, BRG, DPLL, or transmit clock, depending on the setting of CR15: D1, D0. Under the conditions
explained in [Exception] in (a) above, they unconditionally serve as input pins, and the setting of CR15: D2,
D1, D0 is invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com