Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR30200CFSH Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # MBR30200CFSH
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MBR30200CFSH Datasheet(HTML) 2 Page - Zowie Technology Corporation

  MBR30200CFSH Datasheet HTML 1Page - Zowie Technology Corporation MBR30200CFSH Datasheet HTML 2Page - Zowie Technology Corporation MBR30200CFSH Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES OF MBR30200CFSH
FIG.1 - FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE,
o
C
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
0
50
25
75
125
175
225
100
150
275
250
200
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0
0
1
2
4
3
20
40
60
80
100
180
160
140
120
0
0.1
1.0
10
100
1000
10000
20
40
60
80
100
Zowie Technology Corporation
REV. 0
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1.0
10
100
1000
100
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
0
0.1
1.0
10
50
0.2
0.4
0.6
0.8
1.0
TJ=125
oC
TJ=25
oC
TJ=25
oC
TJ=150
oC
TJ=150
oC
TJ=75
oC
TJ=125
oC
TJ=100
oC
TJ=25
oC
f = 1.0MHz
Vsig = 20mVp-p
DC
RθJA = 75℃/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com