Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR30200CFSH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # MBR30200CFSH
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MBR30200CFSH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  MBR30200CFSH Datasheet HTML 1Page - Zowie Technology Corporation MBR30200CFSH Datasheet HTML 2Page - Zowie Technology Corporation MBR30200CFSH Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR30200CFSH
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 200 Volts
Forward Current - 30 Amperes
FEATURES
MECHANICAL DATA
Case : JEDEC ITO-220AB molded plastic body
Terminals : Plated Leads, solderable per
MIL-STD-750, Method 2026
Polarity : Molded on body
Mounting Position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Peak repetitive forward current
(rated VR, square wave, 20KHz)
Maximum instantaneous forward voltage
@ IF= 15 A
Maximum DC reverse current
at rated DC blocking voltage
@Tj=25
o
C
@Tj=125
o
C
SYMBOLS
IFM
VF
IR
30
0.92
0.75
0.005
1.0
UNITS
Maximum repetitive peak reverse voltage
VRRM
Maximum RMS voltage
VRMS
Maximum DC blocking voltage
VDC
MBR30200CFSH
200
140
200
Volts
Typical junction capacitance (Note)
CJ
299
pF
Typical thermal resistance
RθJA
75
℃ / W
Volts
Maximum average forward rectified current
I (AV)
30
Amps
Amps
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
275
Amps
mA
Storage temperature range
TSTG
-55 to + 175
℃
Operating junction temperature
TJ
175
℃
Zowie Technology Corporation
REV. 0
Note : Measured at 1.0MHz and applied reverse voltage of 4.0V.
Tj=25
o
C
Tj=125
o
C
* Halogen-free type
* Compliance to RoHS produc
* Low power loss & high efficiency
* High surge capability
* 30 Amperes total (15 Amperes per diode leg)
* High surge current capability
* Epitaxial construction
* Plastic Material-UL Recognition Flammability
Classification 94V-0
*Dimensions in inches and (millimeters)
1
2
3
ITO-220AB
0.413(10.50)
0.374(9.50)
0.114(2.90)
0.118(3.0)
MIN.
1
2
3
0.098(2.50)
0.161(4.10)
MAX.
0.043(1.10)
0.019(0.50)
0.106(2.70)
0.087(2.20)
0.055(1.40)
0.039(1.00)
0.130(3.30)
0.091(2.30)
0.193(4.90)
0.165(4.20)
0.031(0.80)
0.016(0.40)
0.138(3.50)
MAX.


Similar Part No. - MBR30200CFSH

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MBR30200C UTC-MBR30200C Datasheet
113Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
MBR30200C RECTRON-MBR30200C Datasheet
362Kb / 5P
SCHOTTKY BARRIER RECTIFIER
logo
SHIKUES Electronics
MBR30200C-T SKTECHNOLGY-MBR30200C-T Datasheet
370Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
MBR30200C-TF SKTECHNOLGY-MBR30200C-TF Datasheet
370Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
MBR30200CG YFWDIODE-MBR30200CG Datasheet
455Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - MBR30200CFSH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com