Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4646 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4646
Description  Peripheral interconnections on STM32F401 and STM32F411 lines
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4646 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4646 Datasheet HTML 9Page - STMicroelectronics AN4646 Datasheet HTML 10Page - STMicroelectronics AN4646 Datasheet HTML 11Page - STMicroelectronics AN4646 Datasheet HTML 12Page - STMicroelectronics AN4646 Datasheet HTML 13Page - STMicroelectronics AN4646 Datasheet HTML 14Page - STMicroelectronics AN4646 Datasheet HTML 15Page - STMicroelectronics AN4646 Datasheet HTML 16Page - STMicroelectronics AN4646 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DocID027369 Rev 1
13/17
AN4646
Application example
16
3
Application example
This application example demonstrate how to use the peripheral interconnect matrix on
STM32F401/411 lines and shows how to synchronize TIM peripherals in parallel mode.
This firmware is based on STM32F4xx HAL drivers which is part of STM32CubeF4.
3.1
Hardware description
Three timers are used in this example:
•
TIM1 is configured as master timer:
–
PWM mode is enabled
–
TIM2 update event is used as trigger output.
•
TIM2 and TIM3 are slaves for TIM1
–
PWM mode is enabled
–
ITR0(TIM1) is used as trigger input for both slave timers.
Figure 5. Application overview
1. The generator (TIM1) is shown in yellow, while the user blocks (TIM2 and TIM3) are highlighted in gray.
3.2
Software description
TIM1 counter clock is 84 MHz.
TIM1 master timer is running at TIM1 frequency:
•
TIM1 frequency = TIM1 counter clock/ (TIM1 period + 1) = 328.125 KHz
•
The duty cycle is equal to TIM2_CCR1/ (TIM2_ARR + 1) = 25%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com