Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4646 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4646
Description  Peripheral interconnections on STM32F401 and STM32F411 lines
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4646 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4646 Datasheet HTML 9Page - STMicroelectronics AN4646 Datasheet HTML 10Page - STMicroelectronics AN4646 Datasheet HTML 11Page - STMicroelectronics AN4646 Datasheet HTML 12Page - STMicroelectronics AN4646 Datasheet HTML 13Page - STMicroelectronics AN4646 Datasheet HTML 14Page - STMicroelectronics AN4646 Datasheet HTML 15Page - STMicroelectronics AN4646 Datasheet HTML 16Page - STMicroelectronics AN4646 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Application example
AN4646
14/17
DocID027369 Rev 1
TIM2 slave timer is running at:
•
(TIM1 frequency)/ (TIM2 period + 1) = 32.815 KHz
•
The duty cycle is equal to TIM2_CCR1/ (TIM2_ARR + 1) = 30%
TIM3 slave timer is running at:
•
(TIM1 frequency)/ (TIM3 period + 1) = 65.630 KHz
•
The duty cycle is equal to: TIM3_CCR1/ (TIM3_ARR + 1) = 60%
Table 3: Peripheral interconnect configuration detail gives code examples to configure TIM1,
TIM2 and TIM3 as described above.
Table 3. Peripheral interconnect configuration detail
Interconnect
Example
Comments
TIM1 master
timer
sMasterConfig.MasterOutputTrigger = TIM_TRGO_UPDATE
sMasterConfig.MasterSlaveMode =
TIM_MASTERSLAVEMODE_ENABLE;
HAL_TIMEx_MasterConfigSynchronization(&htim1,
&sMasterConfig);
Configures TIM2
Update event as
Trigger Output
TIM2 slave
timer
sSlaveConfig.SlaveMode = TIM_SLAVEMODE_GATED;
sSlaveConfig.InputTrigger = TIM_TS_ITR0;
HAL_TIM_SlaveConfigSynchronization(&htim2,
&sSlaveConfig);
sMasterConfig.MasterOutputTrigger = TIM_TRGO_RESET;
sMasterConfig.MasterSlaveMode=TIM_MASTERSLAVEMODE_DIS
ABLE;
HAL_TIMEx_MasterConfigSynchronization(&htim2,
&sMasterConfig);
Configures ITR0 as
trigger input for both
slaves.
Enables the Gated
mode so that the
start/stop of slave
counters is controlled
by the master trigger
output signal (update
event).
TIM3 slave
timer
sSlaveConfig.SlaveMode = TIM_SLAVEMODE_GATED;
sSlaveConfig.InputTrigger = TIM_TS_ITR0
;
HAL_TIM_SlaveConfigSynchronization(&htim3,
&sSlaveConfig);
sMasterConfig.MasterOutputTrigger = TIM_TRGO_RESET;
sMasterConfig.MasterSlaveMode=TIM_MASTERSLAVEMODE_DIS
ABLE;
HAL_TIMEx_MasterConfigSynchronization(&htim2,
&sMasterConfig);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com