Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1870 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1870
Description  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 9Page - STMicroelectronics UM1870 Datasheet HTML 10Page - STMicroelectronics UM1870 Datasheet HTML 11Page - STMicroelectronics UM1870 Datasheet HTML 12Page - STMicroelectronics UM1870 Datasheet HTML 13Page - STMicroelectronics UM1870 Datasheet HTML 14Page - STMicroelectronics UM1870 Datasheet HTML 15Page - STMicroelectronics UM1870 Datasheet HTML 16Page - STMicroelectronics UM1870 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
DocID027602 Rev 1
13/58
UM1870
Hardware description
58
2.2.1
Current measurements
To monitor power consumption of the entire BlueNRG-MS daughterboard, remove the
jumper from U2 and insert an ammeter between pins 1 and 2 of the connector. Since power
consumption of the BlueNRG-MS during most operation time is very low, an accurate
instrument in the range of few microamps may be required.
2.2.2
Hardware setup
1.
Plug the BlueNRG-MS daughterboard into J4 and J5 connectors as in Figure 1.
2.
Ensure the jumper configuration on the daughterboard is as in Figure 1
3.
Connect the motherboard to the PC with an USB cable (through connector CN1).
4.
Verify the PWR LED lights is on.
2.2.3
STM32L preprogrammed application
The STM32L on STEVAL-IDB005V1 motherboard is preprogrammed with the sensor demo
application when the kits components are assembled (refer to Section 5 for the application
description).
Table 2. Connections between BlueNRG-MS board and motherboard on left connector
Pin
J4 motherboard
J3 daughterboard
1
DB_PIN1
NC
2
3V3
3V3
3
DB_PIN3
NC
4
NC
NC
5
GND
GND
6
DB_PIN2
nS
7
GND
GND
8
3V3
U2 pin 1
9
DB_SDN_RST
RST
10
3V3
U2 pin 1
Table 3. Connections between BlueNRG-MS board and motherboard on right
connector
Pin
J5 motherboard
J4 daughterboard
1
GND
GND
2
GND
GND
3
DB_CSN
CSN
4
DB_IO3_IRQ
IRQ
5
DB_SCLK
CLK
6
DB_IO2
NC
7
DB_SDI
MOSI
8
DB_IO1
NC
9
DB_SDO
MISO
10
DB_IO0
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com