Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1870 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1870
Description  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 17Page - STMicroelectronics UM1870 Datasheet HTML 18Page - STMicroelectronics UM1870 Datasheet HTML 19Page - STMicroelectronics UM1870 Datasheet HTML 20Page - STMicroelectronics UM1870 Datasheet HTML 21Page - STMicroelectronics UM1870 Datasheet HTML 22Page - STMicroelectronics UM1870 Datasheet HTML 23Page - STMicroelectronics UM1870 Datasheet HTML 24Page - STMicroelectronics UM1870 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
DocID027602 Rev 1
21/58
UM1870
GUI software description
58
Table 4. GUI scripts window: available general operations
Operation
Associated actions
Notes
Init Device…
Allows to initialize a device by selecting:
- Role
- Stack Mode (1,2,3);
- Address type (Public, Random) and value
- Tx power level
- Power mode
- Device Name
Add Services and
Characteristics…
Allows to add a service by selecting:
- UUID type (16 or 128 bits)
- Service Type (Primary or Secondary)
- Set max number of records
For each service, it allows to add a characteristic by
selecting:
- UUID type (16 or 128 bits)
- Properties
- Security permissions
- Variable length or not
- Length
- GATT Event mask
- Encryption key size
After a characteristic is
defined, the user can
edit its parameters
and/or delete it.
Once a service and its
characteristics have
been defined, click OK
to add them.
Discovery Services
and
Characteristics…
Allows to discover all services and related
characteristics of available connections.
Service start handle,
end handle and UUID
are showed.
For each selected
Service the related
Characteristics
information are showed
(attribute handle,
property, value handle
and UUID).
For the available
characteristic with Notify
or Indication Property
it’s possible to enable
the
Notification/Indication.
Terminate
Connection...
Allows to terminate the available connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com