Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA0010D Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # LA0010D
Description  REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

LA0010D Datasheet(HTML) 1 Page - Solid States Devices, Inc

  LA0010D Datasheet HTML 1Page - Solid States Devices, Inc LA0010D Datasheet HTML 2Page - Solid States Devices, Inc LA0010D Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: LA0010D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SVR333 __
__ __
│
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
└
└ Screening 2/
__ = Not Screened
H = High Rel Level
K = Space Level
R = Radiation Tolerant
Lead Bend
__ = Straight
DB = Down Bend
UB = Up Bend
Package Type
J = TO-257
SVR333J
3 Amp
NEGATIVE ADJUSTABLE
LINEAR VOLTAGE
REGULATOR
FEATURES:
Output voltage adjustable: -1.25V to -32V
3A output current guaranteed over temperature
Precision reference, 2% tolerance
Stable output voltage, 1% load regulation
Survives short circuit condition
Internal protection includes current limit, thermal
shutdown and safe area (power) operation
Replaces LM333 and LT1033 devices
Category I die attach, eutectic bond
Isolated power package, hermetically sealed
150ºC Operating Temperature
Ceramic eyelet package seals available
Class H or K (Space) screening available
MAXIMUM RATINGS
RATING
SYMBOL
VALUE
UNIT
Power Dissipation
PMAX
Internally
Limited, 35
W
Input to Output Voltage Differential
∆VIN/OUT
35
V
Maximum Current
IMAX
Internally
Limited, 3
A
Operating Junction Temperature
TJ
-55 to +150
°C
Storage Temperature
TSTG
-65 to +150
°C
NOTES:
TO-257 (J)
* Full Temperature Range
1/ For ordering information, price, and availability- contact factory.
2/ Screening based on MIL-STD-38534, actual screening flow details available.
3/ Unless otherwise specified, these specifications apply: ∆V = 5V and IOUT = 10mA. These specifications
apply for power dissipation up to 35W, IMAX = 3A.
4/ Low duty cycle pulse testing is used to ensure constant junction temperature to avoid changes in
output voltage caused by heating effects.


Similar Part No. - LA0010D

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
LA0010D SSDI-LA0010D Datasheet
134Kb / 3P
REGULATOR
More results

Similar Description - LA0010D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STR212 ETC-STR212 Datasheet
202Kb / 3P
REGULATOR
BA4905-V3 ETC-BA4905-V3 Datasheet
16Kb / 1P
Regulator
logo
TAITRON Components Inco...
LM431L TAITRON-LM431L Datasheet
754Kb / 13P
Shunt Regulator
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
Switching Regulator Applications Switching Regulator Applications
logo
Vicor Corporation
P036F048T12AL VICOR-P036F048T12AL_12 Datasheet
1Mb / 14P
Regulator
PRM48BF480T400A00 VICOR-PRM48BF480T400A00 Datasheet
1Mb / 22P
Regulator
logo
ON Semiconductor
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
logo
Solid States Devices, I...
LA0010D SSDI-LA0010D Datasheet
134Kb / 3P
REGULATOR
logo
ON Semiconductor
NCP717 ONSEMI-NCP717_15 Datasheet
550Kb / 16P
Regulator
November, 2015 ??Rev. 8
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com