Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DA2018 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 2DA2018
Description  12V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DA2018 Datasheet(HTML) 3 Page - Diodes Incorporated

  2DA2018_15 Datasheet HTML 1Page - Diodes Incorporated 2DA2018_15 Datasheet HTML 2Page - Diodes Incorporated 2DA2018_15 Datasheet HTML 3Page - Diodes Incorporated 2DA2018_15 Datasheet HTML 4Page - Diodes Incorporated 2DA2018_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2DA2018
Document number: DS31823 Rev. 3 - 2
3 of 5
www.diodes.com
October 2010
© Diodes Incorporated
2DA2018
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-15
⎯
⎯
V
IC = -10μA, IE = 0
Collector-Emitter Breakdown Voltage (Note 5)
BVCEO
-12
⎯
⎯
V
IC = -1mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
-6
⎯
⎯
V
IE = -10μA, IC = 0
Collector Cutoff Current
ICBO
⎯
⎯
-100
-50
nA
μA
VCB = -15V, IE = 0
VCB = -15V, IE = 0, TA = 150°C
Emitter Cutoff Current
IEBO
⎯
⎯
-100
nA
VEB = -6V, IC = 0
DC Current Gain (Note 5)
hFE
270
⎯
680
⎯
VCE = -2V, IC = -10mA
Collector-Emitter Saturation Voltage (Note 5)
VCE(sat)
⎯
⎯
-250
mV
IC = -200mA, IB = -10mA
Output Capacitance
Cobo
⎯
7.4
⎯
pF
VCB = -10V, f = 1.0MHz
Current Gain-Bandwidth Product
fT
⎯
260
⎯
MHz
VCE = -2V, IC = -10mA, f = 100MHz
Turn-On Time
ton
⎯
40
⎯
ns
VCC = -6V
IC = -200mA, IB1 = IB2 = -10mA
Delay Time
td
⎯
18
⎯
ns
Rise Time
tr
⎯
22
⎯
ns
Turn-Off Time
toff
⎯
106
⎯
ns
Storage Time
ts
⎯
87
⎯
ns
Fall Time
tf
⎯
19
⎯
ns
Notes:
5. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
0
0.2
0.4
0.6
0.8
1.0
1.2
02
4
6
8
10
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 4 Typical Collector Current
vs. Collector-Emitter Voltage
I = 1mA
B
I = 2mA
B
I = 3mA
B
I = 4mA
B
I = 5mA
B
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
C
Fig. 5 Typical DC Current Gain vs. Collector Current
0
100
200
300
400
500
600
700
800
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
0.001
0.01
0.1
0.01
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
C
Fig. 6 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
T = -55°C
A
I/I = 10
CB
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.01
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
C
Fig. 7 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
V
= 2V
CE
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com