Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DA2018 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 2DA2018
Description  12V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DA2018 Datasheet(HTML) 4 Page - Diodes Incorporated

  2DA2018_15 Datasheet HTML 1Page - Diodes Incorporated 2DA2018_15 Datasheet HTML 2Page - Diodes Incorporated 2DA2018_15 Datasheet HTML 3Page - Diodes Incorporated 2DA2018_15 Datasheet HTML 4Page - Diodes Incorporated 2DA2018_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2DA2018
Document number: DS31823 Rev. 3 - 2
4 of 5
www.diodes.com
October 2010
© Diodes Incorporated
2DA2018
0.01
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
C
Fig. 8 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
V
= 5V
CE
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
0.01
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
C
Fig. 9 Typical Base-Emitter Saturation Voltage
vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
1.2
I
= 20
CB
/I
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
0.01
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
C
Fig. 10 Typical Base-Emitter Saturation Voltage
vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
1.2
I
= 10
CB
/I
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
1
10
100
0.01
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 11 Typical Capacitance Characteristics
Cibo
Cobo
f = 1MHz
Package Outline Dimensions
SOT-523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
⎯
⎯
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
α
0°
8°
⎯
All Dimensions in mm
A
M
J
L
D
B C
H
K
G
N



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com