Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1004 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1004
Description  Micropower Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1004 Datasheet(HTML) 4 Page - Linear Technology

  LT1004 Datasheet HTML 1Page - Linear Technology LT1004 Datasheet HTML 2Page - Linear Technology LT1004 Datasheet HTML 3Page - Linear Technology LT1004 Datasheet HTML 4Page - Linear Technology LT1004 Datasheet HTML 5Page - Linear Technology LT1004 Datasheet HTML 6Page - Linear Technology LT1004 Datasheet HTML 7Page - Linear Technology LT1004 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1004
Reverse Dynamic Impedance
Reverse Dynamic Impedance
Temperature Drift
Filtered Output Noise
Noise Voltage
Reponse Time
(2.5V)
FORWARD CURRENT (mA)
1.2
0.8
0.4
0
0.01
1
10
100
1004 G11
0.1
TA = 25°C
Forward Characteristics
TEMPERATURE (
°C)
–55
45
2.515
2.510
2.505
2.500
2.495
2.490
2.485
2.480
1004 G12
–35
125
–15
525
65
85 105
REVERSE CURRENT (mA)
1000
100
10
1
0.1
0.01
1
10
100
1004 G13
0.1
f = 25Hz
–55
°C TO 125°C
FREQUENCY (Hz)
10
10k
1k
100
10
1
0.1
100k
1004 G14
100
1k
10k
1M
TA = 25°C
IR = 100µA
FREQUENCY (Hz)
1400
1200
1000
800
600
400
200
0
10
1k
10k
100k
1004 G15
100
IR = 100µA
CUTOFF FREQUENCY (Hz)
100
120
100
80
60
40
20
0
1k
10k
100k
1004 G16
IR = 100µA
R
C
100
µA
RC LOW PASS
REVERSE VOLTAGE (V)
0
100
10
1
0.1
0.5
1.0
1.5
2.0
1004 G10
2.5
3.0
–55
°C TO 125°C
Reverse Characteristics
TYPICAL PERFORMANCE CHARACTERISTICS
TIME (
µs)
500
100
1004 G17
3
2
1
0
5V
0
24k
VIN
VOUT
OUTPUT
INPUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com