Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1004 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1004
Description  Micropower Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1004 Datasheet(HTML) 6 Page - Linear Technology

  LT1004 Datasheet HTML 1Page - Linear Technology LT1004 Datasheet HTML 2Page - Linear Technology LT1004 Datasheet HTML 3Page - Linear Technology LT1004 Datasheet HTML 4Page - Linear Technology LT1004 Datasheet HTML 5Page - Linear Technology LT1004 Datasheet HTML 6Page - Linear Technology LT1004 Datasheet HTML 7Page - Linear Technology LT1004 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT1004
TYPICAL APPLICATIONS
Q1
Q5
20pF
20pF
7.5k
500
Ω
500k
60k
300k
50k
200k
600k
Q3
Q11
Q10
Q9
Q14
–
+
Q8
Q6
Q4
Q12
Q13
1004-1.2 SD
LT1004-1.2
Q1
Q5
20pF
20pF
7.5k
500
Ω
500k
60k
300k
500k
50k
200k
600k
Q3
Q11
Q10
Q9 Q14
–
+
Q8
Q6
Q4
Q12
Q13
1004-2.5 SD
500k
SCHE ATIC DIAGRA
LT1004-2.5
9V
1004 TA11
LT1004-1.2
510k
1.235V
Micropower Reference
from 9V Battery
VPP Generator for Eproms –– No Trim Required
0.05
µF
12k
10k
2N3904
–
+
LM301A
2
3
4
8
1
6
7
16.9k*
OUT
21V
600
µs RC
PER INTEL
SPEC
1004 TA15
LT1004-1.2
1.05k*
* 1% METAL FILM RESISTORS
56k
22k
TTL INPUT
100pF
24V
24V
–5V
–5V
1.2V Reference from 1.5V Battery
1.5V*
1004 TA12
LT1004-1.2
3k
1.235V
*OUTPUT REGULATES
DOWN TO 1.285V
FOR I OUT = 0
2.5V Reference
Low Noise Reference
5V
1004 TA10
LT1004-2.5
50k
2.500V
VIN ≥ 5V
1004 TA09
LT1004-1.2
22
Ω
50
µF
100
µA
OUTPUT
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com