Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8P3CL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS8P3CL
Description  Schottky Barrier Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS8P3CL Datasheet(HTML) 2 Page - Vishay Siliconix

  SS8P3CL_15 Datasheet HTML 1Page - Vishay Siliconix SS8P3CL_15 Datasheet HTML 2Page - Vishay Siliconix SS8P3CL_15 Datasheet HTML 3Page - Vishay Siliconix SS8P3CL_15 Datasheet HTML 4Page - Vishay Siliconix SS8P3CL_15 Datasheet HTML 5Page - Vishay Siliconix SS8P3CL_15 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS8P2CL, SS8P3CL
www.vishay.com
Vishay General Semiconductor
Revision: 16-Jan-14
2
Document Number: 89030
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) Units mounted on recommended PCB 1 oz. pad layout
Note
(1) Automotive grade
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
per diode
IF = 2.0 A
TA = 25 °C
VF (1)
0.42
-
V
IF = 4.0 A
0.50
0.54
IF = 2.0 A
TA = 125 °C
0.32
-
IF = 4.0 A
0.41
0.45
Reverse current per diode
Rated VR
TA = 25 °C
IR (2)
48
300
μA
TA = 125 °C
19
30
mA
Typical junction capacitance per diode
4.0 V, 1 MHz
CJ
250
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
SS8P2C
SS8P3C
UNIT
Typical thermal resistance per diode
RJA (1)
60
°C/W
RJL
3
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS8P3CL-M3/86A
0.10
86A
1500
7" diameter plastic tape and reel
SS8P3CL-M3/87A
0.10
87A
6500
13" diameter plastic tape and reel
SS8P3CLHM3/86A (1)
0.10
86A
1500
7" diameter plastic tape and reel
SS8P3CLHM3/87A (1)
0.10
87A
6500
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com