Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8P3CL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SS8P3CL
Description  Schottky Barrier Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS8P3CL Datasheet(HTML) 3 Page - Vishay Siliconix

  SS8P3CL_15 Datasheet HTML 1Page - Vishay Siliconix SS8P3CL_15 Datasheet HTML 2Page - Vishay Siliconix SS8P3CL_15 Datasheet HTML 3Page - Vishay Siliconix SS8P3CL_15 Datasheet HTML 4Page - Vishay Siliconix SS8P3CL_15 Datasheet HTML 5Page - Vishay Siliconix SS8P3CL_15 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SS8P2CL, SS8P3CL
www.vishay.com
Vishay General Semiconductor
Revision: 16-Jan-14
3
Document Number: 89030
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics Per Diode
Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Leakage Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance Per Diode
Fig. 6 - Typical Transient Thermal Impedance Per Diode
0
2
4
6
8
10
0
25
50
75
100
125
150
175
Lead Temperature (°C)
Resistive or Inductive Load
T
L measured
at the Cathode Band Terminal
0
0.8
0.4
1.2
1.6
2.0
2.4
01
2
3
4
5
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
D = t
p/T
t
p
T
0.01
0.1
1
10
100
0.2
0.1
0.3
0
0.4
0.5
0.6
0.7
0.8
Instantaneous Forward Voltage (V)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
0.001
0.01
0.1
1
10
100
10
20
30
40
60
50
70
90
80
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
100
1000
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.01
0.1
1
10
100
1
10
100
t - Pulse Duration (s)
Junction to Ambient



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com