Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8P2CL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SS8P2CL
Description  Schottky Barrier Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS8P2CL Datasheet(HTML) 1 Page - Vishay Siliconix

  SS8P2CL Datasheet HTML 1Page - Vishay Siliconix SS8P2CL Datasheet HTML 2Page - Vishay Siliconix SS8P2CL Datasheet HTML 3Page - Vishay Siliconix SS8P2CL Datasheet HTML 4Page - Vishay Siliconix SS8P2CL Datasheet HTML 5Page - Vishay Siliconix SS8P2CL Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SS8P2CL, SS8P3CL
www.vishay.com
Vishay General Semiconductor
Revision: 16-Jan-14
1
Document Number: 89030
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Density Surface Mount
Schottky Barrier Rectifier
FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency
• Low thermal resistance
• Meets MSL level 1, per J-STD-020
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in low voltage high frequency inverters, freewheeling
diodes,
DC/DC
converters,
and
polarity
protection
application.
MECHANICAL DATA
Case: TO-277A (SMPC)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 2 whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
PRIMARY CHARACTERISTICS
IF(AV)
2 x 4.0 A
VRRM
20 V, 30 V
IFSM
120 A
EAS
20 mJ
VF at IF = 4 A
0.41 V
TJ max.
150 °C
Package
TO-277A
Diode variations
Single
TO-277A (SMPC)
K
2
1
Anode 1
Anode 2
Cathode
K
eSMP® Series
Available
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS8P2CL
SS8P3CL
UNIT
Device marking code
S82C
S83C
Maximum repetitive peak reverse voltage
VRRM
20
30
V
Maximum average forward rectified current (fig. 1)
total device
IF(AV)
8.0
A
per diode
4.0
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
120
A
Non-repetitive avalanche energy at 25 °C, IAS = 2 A per diode
EAS
20
mJ
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C


Similar Part No. - SS8P2CL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS8P2CL VISHAY-SS8P2CL Datasheet
110Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
30-Jul-08
SS8P2CL VISHAY-SS8P2CL Datasheet
98Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifier
10-May-11
SS8P2CL VISHAY-SS8P2CL Datasheet
100Kb / 5P
High Current Density Surface-Mount Schottky Barrier Rectifier
13-May-2022
SS8P2CL VISHAY-SS8P2CL_11 Datasheet
98Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifier
10-May-11
SS8P2CL VISHAY-SS8P2CL_15 Datasheet
89Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifier
10-Dec-14
More results

Similar Description - SS8P2CL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com