Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1021 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1021
Description  Precision Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1021 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1021 Datasheet HTML 8Page - Linear Technology LT1021 Datasheet HTML 9Page - Linear Technology LT1021 Datasheet HTML 10Page - Linear Technology LT1021 Datasheet HTML 11Page - Linear Technology LT1021 Datasheet HTML 12Page - Linear Technology LT1021 Datasheet HTML 13Page - Linear Technology LT1021 Datasheet HTML 14Page - Linear Technology LT1021 Datasheet HTML 15Page - Linear Technology LT1021 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1021
TYPICAL APPLICATIONS
Ultralinear Platinum Temperature Sensor*
EQUIVALE T SCHE ATIC
LT1021-10
OUT
IN
GND
1021 TA10
–
+
RS
†
100
Ω AT
0
°C
R4
4.75k
1%
R5
200k
1%
R6
619k
1%
7
4
6
2
3
LT1001
–15V
20V
R13
24.3k
R12
1k
R15
10k
R14
5k
RF**
654k
R11
6.65M
1%
R10
182k
1%
R2*
5k
R1**
253k
R3**
5k
R9
100k
R8
10M
–15V
VOUT =100mV/°C
–50
°C ≤ T ≤ 150°C
R7
392k
1%
20V
STANDARD INDUSTRIAL 100
Ω PLATINUM 4-WIRE SENSOR,
ROSEMOUNT 78S OR EQUIVALENT.
α = 0.00385
TRIM R9 FOR VOUT = 0V AT 0°C
TRIM R12 FOR VOUT = 10V AT 100°C
TRIM R14 FOR VOUT = 5V AT 50°C
USE TRIM SEQUENCE AS SHOWN. TRIMS ARE NONINTERACTIVE
SO THAT ONLY ONE TRIM SEQUENCE IS NORMALLY REQUIRED.
FEEDBACK LINEARIZES OUTPUT TO
±0.005°C FROM
–50
°C TO 150°C
WIREWOUND RESISTORS WITH LOW TC
†
*
**
D1
D2
D3
R1
R2
GND
LT1021 ES
Q1
Q2
D4
6.3V
OUTPUT
–
+
A1
INPUT
Q3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com