Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1021 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1021
Description  Precision Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1021 Datasheet(HTML) 2 Page - Linear Technology

  LT1021 Datasheet HTML 1Page - Linear Technology LT1021 Datasheet HTML 2Page - Linear Technology LT1021 Datasheet HTML 3Page - Linear Technology LT1021 Datasheet HTML 4Page - Linear Technology LT1021 Datasheet HTML 5Page - Linear Technology LT1021 Datasheet HTML 6Page - Linear Technology LT1021 Datasheet HTML 7Page - Linear Technology LT1021 Datasheet HTML 8Page - Linear Technology LT1021 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1021
A
G
A
U
A
R
BSOLUTEXI
TI
S
Input Voltage .......................................................... 40V
Input/Output Voltage Differential ............................ 35V
Output-to-Ground Voltage (Shunt Mode Current Limit)
LT1021-5 ............................................................. 10V
LT1021-7 ............................................................. 10V
LT1021-10 ........................................................... 16V
Trim Pin-to-Ground Voltage
Positive ............................................... Equal to VOUT
Negative ........................................................... – 20V
Output Short-Circuit Duration
VIN = 35V ......................................................... 10 sec
VIN ≤ 20V ................................................... Indefinite
Operating Temperature Range
Commercial ............................................ 0
°C to 70°C
Industrial ........................................... – 40
°C to 85°C
Military ............................................ – 55
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................ 300
°C
PACKAGE/ORDER I FOR ATIO
LT1021BCH-5
LT1021BMH-5
LT1021CCH-5
LT1021CMH-5
LT1021DCH-5
LT1021DMH-5
LT1021BCH-7
LT1021BMH-7
LT1021DCH-7
LT1021DMH-7
LT1021BCH-10
LT1021BMH-10
LT1021CCH-10
LT1021CMH-10
LT1021DCH-10
LT1021DMH-10
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1021BCN8-5
LT1021CCN8-5
LT1021CIN8-5
LT1021DCN8-5
LT1021DIN8-5
LT1021DCS8-5
LT1021BCN8-7
LT1021DCN8-7
LT1021DCS8-7
LT1021BCN8-10
LT1021CCN8-10
LT1021CIN8-10
LT1021DCN8-10
LT1021DCS8-10
LT1021DIN8-10
S8 PART MARKING
021DC5
021DC7
021DC1
TJMAX = 150°C, θJA = 150°C/W,θJC = 45°C/W
TOP VIEW
NC*
NC*
NC*
VIN
VOUT
TRIM**
NC*
GND
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
CONNECTED INTERNALLY.
D0 NOT CONNECT EXTERNAL
CIRCUITRY TO THESE PINS
NO TRIM PIN ON LT1021-7.
DO NOT CONNECT EXTERNAL
CIRCUITRY TO PIN 5 ON LT1021-7
*
**
TJMAX = 130°C, θJA = 130°C/W (N)
TJMAX = 130°C, θJA = 150°C/W (S)
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
DNC*
VIN
DNC*
GND
DNC*
DNC*
V0UT
TRIM**
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
CONNECTED INTERNALLY.
D0 NOT CONNECT EXTERNAL
CIRCUITRY TO THESE PINS
NO TRIM PIN ON LT1021-7.
DO NOT CONNECT EXTERNAL
CIRCUITRY TO PIN 5 ON LT1021-7
*
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com