Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1020CS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1020CS
Description  Micropower Regulator and Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1020CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1020CS Datasheet HTML 7Page - Linear Technology LT1020CS Datasheet HTML 8Page - Linear Technology LT1020CS Datasheet HTML 9Page - Linear Technology LT1020CS Datasheet HTML 10Page - Linear Technology LT1020CS Datasheet HTML 11Page - Linear Technology LT1020CS Datasheet HTML 12Page - Linear Technology LT1020CS Datasheet HTML 13Page - Linear Technology LT1020CS Datasheet HTML 14Page - Linear Technology LT1020CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1020
S
APPLICATI
TYPICAL
+
10
µF
0.001
µF
1M
50k
2
11
9
VOUT
FB
GND
LT1020
1020 TA13
INTERNAL PARASITIC
DIODES OF LT1020
GND
LT1020
1M
11
2
VOUT
5V
9
3
VIN
BATTERY
INPUT
VIN
3
MAIN
POWER
INPUT
FB
VOUT
VIN
VOUT
Battery Backup Regulator
5V Regulator with Shutdown
1020 TA15
5
6
1M
R2
1M
VOUT
0.001
µF
+
4
7
8
9
1M
10
µF
2
11
FB
VIN
3
REF
LT1020
0.047
µF
1M
13
DROP-
OUT
VOUT*
R1
1.5M
–
+
1.5M
VOUT TURNS OFF AT DROPOUT.
VOUT TURN ON WHEN:
VIN × R2
R1 + R2
= 2.5V
*
Turn-Off at Dropout
+
NC
10
µF
0.001
µF
1M
1M
5V
2
11
3
9
VIN
VOUT
FB
GND
LT1020
1020 TA14
TRANSISTOR USED BECAUSE OF LOW LEAKAGE
CHARACTERISTICS. TO TURN OFF THE OUTPUT
OF THE LT1020, FORCE FB (PIN 11) > 2.5V.
*
VIN > 5.2V
IQ = 40µA
100k
500k
2N3904*
LOGIC INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com