Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1020CS Datasheet(PDF) 12 Page - Linear Technology

Part # LT1020CS
Description  Micropower Regulator and Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1020CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1020CS Datasheet HTML 8Page - Linear Technology LT1020CS Datasheet HTML 9Page - Linear Technology LT1020CS Datasheet HTML 10Page - Linear Technology LT1020CS Datasheet HTML 11Page - Linear Technology LT1020CS Datasheet HTML 12Page - Linear Technology LT1020CS Datasheet HTML 13Page - Linear Technology LT1020CS Datasheet HTML 14Page - Linear Technology LT1020CS Datasheet HTML 15Page - Linear Technology LT1020CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1020
S
APPLICATI
TYPICAL
–
+
1020 TA18
5
6
1M
0.001
µF
+
4
7
8
9
1M
2
11
FB
VIN
3
LT1020
10
µF
VOUT
5V
1M
13
“DROPOUT”
VIN
0V
TTL COMPATIBLE
Logic Output on Dropout
Current Limited 1 Amp Regulator
1020 TA17
5
6
100k
0.22
µF
+
4
7
8
9
100k
220
µF†
2
11
FB
VIN
12V
3
1N4148
LT1020
100
µF
ISC
SENSE
0.03
Ω
VOUT
5V
1A
1.2k
MUST HAVE LOW ESR. SEVERAL 100
µF
CAPACITORS CAN BE PARALLELED.
†
100k
+
RL
2.2k
270
Ω
MJE2955
–
+
1 Amp Regulator with Precision Current Limit
+
220
µF†
100k
2
11
3
9
VIN
VOUT
FB
GND
LT1020
1020 TA16
0.22
µF
VOUT
5V, 1A
2.2k
270
Ω
100k
SETS CURRENT LIMIT BUT INCREASES
DROPOUT VOLTAGE BY 0.5V.
MUST HAVE LOW ESR. SEVERAL 100
µF
CAPACITORS CAN BE PARALLELED.
*
†
MJE2955
0.5
Ω*
VIN
2N3906*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com