Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1007CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1007CS8
Description  Low Noise, High Speed Precision Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1007CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1007CS8 Datasheet HTML 5Page - Linear Technology LT1007CS8 Datasheet HTML 6Page - Linear Technology LT1007CS8 Datasheet HTML 7Page - Linear Technology LT1007CS8 Datasheet HTML 8Page - Linear Technology LT1007CS8 Datasheet HTML 9Page - Linear Technology LT1007CS8 Datasheet HTML 10Page - Linear Technology LT1007CS8 Datasheet HTML 11Page - Linear Technology LT1007CS8 Datasheet HTML 12Page - Linear Technology LT1007CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1007/LT1037
APPLICATIONS INFORMATION
General
The LT1007/LT1037 series devices may be inserted
directly into OP-07, OP-27, OP-37 and 5534 sockets with
or without removal of external compensation or nulling
components. In addition, the LT1007/LT1037 may be
fitted to 741 sockets with the removal or modification of
external nulling components.
Offset Voltage Adjustment
The input offset voltage of the LT1007/LT1037 and its drift
with temperature, are permanently trimmed at wafer
testing to a low level. However, if further adjustment of
VOS is necessary, the use of a 10kΩ nulling potentiometer
will not degrade drift with temperature. Trimming to a
value other than zero creates a drift of (VOS/ 300)µV/°C,
e.g., if VOS is adjusted to 300µV, the change in drift will be
1
µV/°C (Figure 1).
The adjustment range with a 10k
Ω pot is approximately
±2.5mV.Iflessadjustmentrangeisneeded,thesensitivity
and resolution of the nulling can be improved by using a
smaller pot in conjunction with fixed resistors. The ex-
ample has an approximate null range of
±200µV
(Figure 2).
Offset Voltage and Drift
Thermocouple effects, caused by temperature gradients
across dissimilar metals at the contacts to the input
terminals, can exceed the inherent drift of the amplifier
unless proper care is exercised. Air currents should be
minimized, package leads should be short, the two input
leads should be close together and maintained at the same
temperature.
The circuit shown to measure offset voltage is also used
as the burn-in configuration for the LT1007/LT1037, with
the supply voltages increased to
±20V (Figure 3).
Figure 2. Improved Sensitivity Adjustment
1007/37 F02
1k
4.7k
OUTPUT
8
7 6
4
1
2
3
15V
–15V
LT1007
LT1037
4.7k
1007/37 F01
10k
OUTPUT
INPUT
8
7
6
4
1
2
3
15V
–15V
LT1007
LT1037
Figure 1. Standard Adjustment
Unity-Gain Buffer Application (LT1007 Only)
When RF ≤ 100Ω and the input is driven with a fast, large-
signal pulse (>1V), the output waveform will look as
shown in the pulsed operation diagram (Figure 4).
During the fast feedthrough-like portion of the output, the
input protection diodes effectively short the output to the
input and a current, limited only by the output short-circuit
protection, will be drawn by the signal generator. With
RF ≥ 500Ω, the output is capable of handling the current
requirements (IL ≤ 20mA at 10V) and the amplifier stays
in its active mode and a smooth transition will occur.
1007/37 F04
LT1007
RF
OUTPUT
2.8V/
µs
Figure 4. Pulsed Operation
1007/37 F03
VOUT
VOUT = 1000VOS
*RESISTORS MUST HAVE LOW
THERMOELECTRIC POTENTIAL
7
6
4
2
3
15V
–15V
LT1007
LT1037
50k*
100
Ω*
50k*
Figure 3. Test Circuit for Offset Voltage and
Offset Voltage Drift with Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com