Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1007CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1007CS8
Description  Low Noise, High Speed Precision Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1007CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1007CS8 Datasheet HTML 8Page - Linear Technology LT1007CS8 Datasheet HTML 9Page - Linear Technology LT1007CS8 Datasheet HTML 10Page - Linear Technology LT1007CS8 Datasheet HTML 11Page - Linear Technology LT1007CS8 Datasheet HTML 12Page - Linear Technology LT1007CS8 Datasheet HTML 13Page - Linear Technology LT1007CS8 Datasheet HTML 14Page - Linear Technology LT1007CS8 Datasheet HTML 15Page - Linear Technology LT1007CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1007/LT1037
TYPICAL APPLICATIONS
Infrared Detector Preamplifier
1007/37 TA08
IR RADIATION
OPTICAL
CHOPPER
–
+
LT1007
50mA
15V
6
4
7
3
2
OUTPUT TO
DEMODULATOR
SYNCHRONOUS
CHOPPED DETECTOR
OUTPUT
PHOTOCONDUCTIVE
INFRARED DETECTOR
HgCdTe type
INFRA-RED ASSOCIATES, INC.
100
µF
392k*
15V
–15V
+
+
100
µF
10
µF
+
392
Ω*
392
Ω*
267
Ω*
2N2219A
33
Ω
10
Ω
1k
+
100
µF
13
Ω AT 77°K
*1% METAL FILM
Precision Amplifier Drives 300
Ω Load to ±10V
1007/37 TA05
365
Ω
1%
20k
5%
10k
TRIM
LT1037
LT1007
2
INPUT
3
2
3
6
6
OUTPUT
±10V
15
Ω
5%
15
Ω
5%
RL
300
Ω
340k
1%
THE ADDITION OF THE LT1007 DOUBLES THE AMPLIFIER’S OUTPUT DRIVE
TO
±33mA. GAIN ACCURACY IS 0.02%, SLIGHTLY DEGRADED COMPARED
TO ABOVE BECAUSE OF SELF-HEATING OF THE LT1037 UNDER LOAD.
Microvolt Comparator with Hysteresis
1007/37 TA04
OUTPUT
POSITIVE FEEDBACK TO ONE OF THE NULLING TERMINALS
CREATES APPROXIMATELY 5
µV OF HYSTERESIS.
OUTPUT CAN SINK 16mA.
INPUT OFFSET VOLTAGE IS TYPICALLY CHANGED LESS
THAN 5
µV DUE TO THE FEEDBACK.
7
8
6
4
2
3
INPUT
–15V
15V
–
+
LT1007
100M
5%
365
Ω
1%
15k
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com