Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS316WS Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAS316WS
Description  200mW High-Speed Switching SMD Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS316WS Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAS316WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS316WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS316WS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAS316WS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIMENSIONS
Min
Max
Min
Max
A
1.15
1.35
0.045
0.053
B
2.30
2.80
0.091
0.110
C
0.25
0.40
0.010
0.016
D
1.60
1.80
0.063
0.071
E
0.80
1.10
0.031
0.043
F
0.05
0.25
0.002
0.010
SUGGESTED PAD LAYOUT
X
X1
Y
Note: 1. The suggested land pattern dimensions have been provided for refernece only, as actual pad layouts may vary depending on application.
Document Number: DS_S1501001
Version: B15
Typ.
Typ.
BAS316WS
Taiwan Semiconductor
Small Signal Product
ORDER INFORMATION (EXAMPLE)
DIM.
Unit (mm)
Unit (inch)
SOD-323F
0.710
0.028
2.900
0.114
0.403
0.016
DIM.
Unit (mm)
Unit (inch)
BAS316WS RRG
Green compound code
Packing code
Part no.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com