Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS316WS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAS316WS
Description  200mW High-Speed Switching SMD Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS316WS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAS316WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS316WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS316WS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAS316WS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- Fast switching device (trr<4.0ns)
- Surface mount device type
- Moisture sensitivity level 1
- Matte Tin (Sn) lead finish
- Pb free version and RoHS compliant
- Packing code with suffix "G" means
green compound (halogen-free)
- Case: Flat lead SOD-323F small outline plastic package
- Polarity: Indicated by cathode band
- Weight: 4.6 ± 0.5 mg
- Marking Code: W2
SYMBOL
UNIT
PD
mW
IO
mA
TJ
oC
TSTG
oC
SYMBOL
UNIT
V(BR)
V
CJ
pF
trr
ns
Document Number: DS_S1501001
Version: B15
BAS316WS
Taiwan Semiconductor
Small Signal Product
200mW High-Speed Switching SMD Diode
FEATURES
SOD-323F
200
MECHANICAL DATA
- Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed : 260°C/10s
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
VALUE
Reverse Recovery Time
Junction Capacitance
V
μA
Pulse Width = 1 ms
Non-Repetitive Peak Forward Surge Current Pulse Width = 1 μs
IF = 10 mA
IF = 1.0 mA
Forward Voltage
Reverse Leakage Voltage
Storage Temperature Range
Operating Junction Temperature
VF
IR
VR = 25 V
1.5
4.0
IF = IR = 10 mA , Irr = 0.1 × IR
VR = 0 , f = 1.0 MHz
VR = 75 V
IF = 150 mA
IF = 50 mA
-
-
1.250
1
0.03
0.715
0.855
1.000
-
-
-
-
-
A
-65 to + 150
150
1.0
4.0
IFRM
Average Forward Current
Power Dissipation
MAX
MIN
PARAMETER
100
-
IR = 100 μA
Reverse Breakdown Voltage
250


Similar Part No. - BAS316WS

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAS316WS SEMTECH_ELEC-BAS316WS Datasheet
303Kb / 3P
High Speed Switching Diode
logo
Taiwan Semiconductor Co...
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
200mW, High-speed switching SMD Diode
logo
SeCoS Halbleitertechnol...
BAS316WS SECOS-BAS316WS Datasheet
260Kb / 3P
0.25A , 100V Surface Mount Small Signal Switching Diode
logo
Diotec Semiconductor
BAS316WS DIOTEC-BAS316WS Datasheet
151Kb / 2P
SMD Small Signal Diodes
logo
Goodwork Semiconductor ...
BAS316WS GWSEMI-BAS316WS Datasheet
108Kb / 3P
Silicon Epitaxial Planar Switching Diode
More results

Similar Description - BAS316WS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N914BWS TSC-1N914BWS Datasheet
100Kb / 2P
200mW High Speed SMD Switching Diode
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
200mW High Speed SMD Switching Diode
1SS400 TSC-1SS400 Datasheet
349Kb / 3P
200mW, SMD High Speed Switching Diode
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
200mW, High-speed switching SMD Diode
TS4148CRZG TSC-TS4148CRZG Datasheet
130Kb / 2P
200mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
1N4148WX-TP MCC-1N4148WX-TP Datasheet
189Kb / 3P
High Speed Switching Diode 200mW
logo
Taiwan Semiconductor Co...
1N4X48WS TSC-1N4X48WS Datasheet
406Kb / 3P
200mW High Speed SMD Switching Diode
1N4148WS TSC-1N4148WS_15 Datasheet
186Kb / 4P
200mW High Speed SMD Switching Diode
1SS355 TSC-1SS355_14 Datasheet
163Kb / 3P
200mW High Speed SMD Switching Diode
TS4148C TSC-TS4148C_14 Datasheet
206Kb / 4P
200mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com